Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W57-XB1A4A10-5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # W57-XB1A4A10-5
Description  Cannot be manually tripped.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

W57-XB1A4A10-5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  W57-XB1A4A10-5 Datasheet HTML 1Page - TE Connectivity Ltd W57-XB1A4A10-5 Datasheet HTML 2Page - TE Connectivity Ltd W57-XB1A4A10-5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Catalog 1308242
Issued 4-15 (PDF Rev. 04-15)
Revised 04-15
www.te.com
Dimensionsareininchesover
(millimeters)unlessotherwise
specified.
Dimensionsareshownforreference
purposes only. Specifications and
availability subject to change.
SouthAmerica:55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Potter & Brumfield
Agency Approvals
W57 series is UL1077 Recognized as Supplementary Protectors,
File E69543, for Canada and the United States. Available models
meet Ignition Protection requirements in accordance with UL1500.
Approved to VDE 0642/EN60934 (Circuit Breakers for Equipment)
License Number 40007874 (excludes models rated 3-4A and >15A).
CCC mark compliant, certificate 2004010307123217.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files
of the agencies/labora-tories and review them to confirm the product meets the
requirements for a given application.
Time vs. Current Trip Curve @ +25°C
Overload
Trip Times
100%
135%
200%
300%
400%
500%
600%
800%
1000%
No Trip
Trip in 1 hour
4.0 - 40.0 Sec.
1.2 - 12.0 Sec.
0.6 - 5.0 Sec.
0.4 - 2.8 Sec.
0.3 - 1.8 Sec.
0.18 - 0.9 Sec.
0.12 - 0.7 Sec.
.1
110100
1000
Time In Seconds
1000
900
800
700
600
500
400
300
200
100
0
10,000
135
Features
• New, compact design.
• 3 to 20 amp ratings.
• Cannot be manually tripped.
• Button extends for visual trip indication.
• Push button to reset breaker.
• Numerous mounting and termination options.
• Optional bottom marking of amperage rating.
Electrical Data @ 25°C
Calibration: Will continuously carry 100% of rating.
May trip between 101% and 134%, but must trip at 135% of
rating within one hour at +25°C.
Dielectric Strength: 1,500VAC (60 seconds).
Mechanical/Environmental Data
Operating Temperature Range: 0°C to +60°C.
Termination: .250” (6.35mm) quick connects.
Mounting: Various options. See Ordering Information and drawings.
Approximate Weight: 0.5 oz. (14.3g).
Current
Typical
Current
Typical
Rating
Resistance
Rating
Resistance
in Amps
in Ohms
in Amps
in Ohms
3.0
0.083
8.0
0.031
4.0
0.062
10.0
0.025
5.0
0.050
12.0
0.021
6.0
0.042
15.0
0.017
7.0
0.036
20.0
0.012
SEE TERMINAL DRAWINGS
FOR DETAIL
.575
(14.6)
.102
(2.6)
.031
(.8)
.303
(7.7)
.465
(11.8)
.889
(22.6)
.457
(11.6)
.689
(17.5)
1.15
(29.2)
SEE MOUNTING
BUSHING AND
MOUNTING HARDWARE
DRAWINGS FOR DETAIL
Outline Dimensions
Typical Resistance vs. Current Rating @ +25°C
Insulation Resistance: 100 megohms.
Maximum Operating Voltages: 50VDC; 250VAC, 50/60 Hz.
Interrupt Capacity: 1,000 amps in accordance with UL standard 1077.
Resettable Overload Capacity: Ten times rated current.
Reset Time: 60 seconds.
W57 series
Compact, Push To Reset Only
P&B Thermal Circuit Breaker
Ambient Compensation Table
To use this chart: Divide the breaker
rating by the correction factor to
determine the compensated rating.
Calculate the overloads in terms of
the compensated rating to use the
published trip curve.
Do not use these devices outside
their specified operating temperature
ranges.
Ambient
Rating Correction Factor
Temperature
in °C
3-4A Models
5-20A Models
-10
.70
.77
0
.75
.85
10
.82
.90
20
.90
.95
25
1.00
1.00
30
1.10
1.05
40
1.25
1.15
50
1.61
1.25
60
2.15
1.40
Optional Protective Boot
Silicone rubber boot is bonded to integral alumimum nut.
1-1423696-5
Black boot for W57 with
3/8”-24 bushing.
1-1423696-6
Clear boot for W57 with
M11 X 1.0 bushing.
.63 DIA.
(16.0)
.622
(15.8)
.799
(20.3)
.70 DIA.
(17.8)


Similar Part No. - W57-XB1A4A10-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W57-XB1A5A10-20 MACOM-W57-XB1A5A10-20 Datasheet
250Kb / 3P
   Compact, Push To Reset Only P&B Thermal Circuit Breaker
More results

Similar Description - W57-XB1A4A10-5

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
P0300FA LEIDITECH-P0300FA Datasheet
775Kb / 4P
   Cannot be damaged by voltage
logo
Littelfuse
LRD190 LITTELFUSE-LRD190 Datasheet
70Kb / 2P
   Max. Device Surface Temperature in Tripped State
logo
List of Unclassifed Man...
79696031 ETC2-79696031 Datasheet
260Kb / 4P
   Thermocouple probe J with casing - St. steel 304 L 횠 3 mm : 500 mm long PVC cable : 2 m long - Junction cannot be
logo
Amphenol Corporation
P-U77-CX11X-XX1X AMPHENOL-P-U77-CX11X-XX1X Datasheet
789Kb / 8P
   this is a cad drawing do not manually revise
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com