Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP50B-00-0000-0D00J20E1 Datasheet(PDF) 5 Page - Cree, Inc

Part # XHP50B-00-0000-0D00J20E1
Description  XLamp XHP50.2 LEDs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP50B-00-0000-0D00J20E1 Datasheet(HTML) 5 Page - Cree, Inc

  XHP50B-00-0000-0D00J20E1 Datasheet HTML 1Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 2Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 3Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 4Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 5Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 6Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 7Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 8Page - Cree, Inc XHP50B-00-0000-0D00J20E1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp XHP50.2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
55
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® XHp50.2 LED
FLuX CHArACtEristiCs, Ansi WHitE orDEr CoDEs AnD bins
The following table provides order codes for XLamp XHP50.2 LEDs. For a complete description of how the flux and chromaticity groups
are reflected in the bin code and order code nomenclature, please see the Bin and Order Code Formats section (page 19).
Binning condition: T
J = 85 °C; 12 V, IF = 700 mA
Reference condition: T
J = 85 °C; 6 V, IF = 1400 mA
nominal
CCt
Chromaticity regions
Cri
Minimum Luminous Flux
order Code
Min
typ
Group Flux l(m)
@ 85 °C
Flux (lm)
@ 25 °C*
7000 K
0A, 0B, 0C, 0D,
0R, 0S, 0T, 0U,
1A, 1B, 1C, 1D,
1R, 1S, 1T, 1U
0
68
J4
1120
1239
XHP50B-00-0000-0D00J40DT
J2
1040
1151
XHP50B-00-0000-0D00J20DT
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40DT
J2
1040
1151
XHP50B-00-0000-0D0BJ20DT
80
J2
1040
1151
XHP50B-00-0000-0D0HJ20DT
H4
970
1073
XHP50B-00-0000-0D0HH40DT
6500 K
0A, 0B, 0C, 0D,
0R, 0S, 0T, 0U,
1A, 1B, 1C, 1D,
1R, 1S, 1T, 1U,
2A, 2B, 2C, 2D,
2R, 2S, 2T, 2U
0
68
J4
1120
1239
XHP50B-00-0000-0D00J40CB
J2
1040
1151
XHP50B-00-0000-0D00J20CB
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40CB
J2
1040
1151
XHP50B-00-0000-0D0BJ20CB
80
J2
1040
1151
XHP50B-00-0000-0D0HJ20CB
H4
970
1073
XHP50B-00-0000-0D0HH40CB
6500 K
1A, 1B, 1C, 1D
0
68
J4
1120
1239
XHP50B-00-0000-0D00J40E1
J2
1040
1151
XHP50B-00-0000-0D00J20E1
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40E1
J2
1040
1151
XHP50B-00-0000-0D0BJ20E1
80
J2
1040
1151
XHP50B-00-0000-0D0HJ20E1
H4
970
1073
XHP50B-00-0000-0D0HH40e1
6000 K
1A, 1B, 1C, 1D,
1R, 1S, 1T, 1U,
2A, 2B, 2C, 2D,
2R, 2S, 2T, 2U
0
68
J4
1120
1239
XHP50B-00-0000-0D00J40DV
J2
1040
1151
XHP50B-00-0000-0D00J20DV
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40DV
J2
1040
1151
XHP50B-00-0000-0D0BJ20DV
80
J2
1040
1151
XHP50B-00-0000-0D0HJ20DV
H4
970
1073
XHP50B-00-0000-0D0HH40Dv
90
H2
900
996
XHP50B-00-0000-0D0UH20Dv
G4
840
930
XHP50B-00-0000-0D0UG40Dv


Similar Part No. - XHP50B-00-0000-0D00J20E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results

Similar Description - XHP50B-00-0000-0D00J20E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com