Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W23-X1A1G-35 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # W23-X1A1G-35
Description  0.5 amp to 50 amp ratings may be used as on/off switch.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

W23-X1A1G-35 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  W23-X1A1G-35 Datasheet HTML 1Page - TE Connectivity Ltd W23-X1A1G-35 Datasheet HTML 2Page - TE Connectivity Ltd W23-X1A1G-35 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
116
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 12-08)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Time In Seconds
(A)
(B)
(A) All 5-50 Amp Models
(B) All 0.5-4 Amp Models
Overload
Trip Times
100%
135%
200%
400%
600%
800%
1000%
No Trip
Trip in 1 hour
6.0-22 Sec.
1.0-3.0 Sec.
0.45-1.5 Sec.
0.3-0.8 Sec.
0.25-0.6 Sec.
Overload
Trip Times
100%
135%
200%
400%
600%
800%
1000%
No Trip
Trip in 1 hour
11-30 Sec.
2.0-8.0 Sec.
1.0-5.5 Sec.
0.6-4.0 Sec.
0.4-2.5 Sec.
1000
900
800
700
600
500
400
300
200
100
0
.1
1
10
100
1000
W23/W31 series
Toggle or
Push/Pull Actuator
Thermal P&B Circuit Breaker
Time Vs. Current Trip Curve @ +25°C
W23
W31
Ambient Compensation Chart
–20 –10
0
102030405060
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
Ambient Temperature In Degrees Centigrade (°C)
To use this chart: Read up from the ambient
temperature to the curve, and across to find a correction
factor. Multiply the breaker rating by the correction factor
to determine the compensated rating. Calculate the
overloads in terms of the compensated rating to use the
published trip curve.
Features
• 0.5 amp to 50 amp ratings may be used as on/off switch.
• Cannot be reset against overload.
• W23 has visible trip indicator band.
• Screw termination.
• Trip-free operation.
Agency Approvals
W23 and W31 are UL 1077 Recognized as Supplementary Protectors.
File E69543, and CSA Accepted as Supplementary Protectors
(Appliance Component Protectors), File LR15734.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Electrical Data @ +25°C
Calibration: Will continuously carry 100% of rating, may trip between
101% and 134% of rating at 25°C. Must trip at 135% in
one hour.
Maximum Operating Voltages: 50VDC or 240VAC (to 400 Hz).
Interrupting Capacity:
With 4X Max. Series Fuse Protection
0.5-50 amp models — 1000 amps at 240VAC.
30-50 amp models — 1000 amps at 50VDC.
Without 4X Max. Series Fuse Protection
0.5-25 amp models — 2000 amps at 50VDC.
10-20 amp models — 2000 amps at 120VAC.
Resettable Overload Capacity: Ten times rated current.
Dielectric Strength: Over 1,500 volts RMS.
Mechanical/Environmental Data
Endurance Cycling: More than 6,000 cycles at 100% of rating, or 10,000
mechanical cycles.
Humidity: Will meet requirements of MIL-STD-202, Method 106.
Salt Spray: Will meet requirements of MIL-STD-202, Method 101, Test
Condition B.
Termination: Two #8-32 screw terminals.
Mounting: W23 — Threaded bushing, 3/8” (9.53mm) diameter.
W31 — Threaded bushing, 15/32” (11.91mm) diameter, with or
without anti-rotation flats.
Weight: Less than 2 oz. (57g).
Current
Maximum
Rating
Resistance
in Amps
in Ohms ± 30%
1
.61
5
.03
10
.01
15
.006
20
.004
30
.003
40
.002
50
.002
Maximum Resistance vs. Current Rating @ +25°C


Similar Part No. - W23-X1A1G-35

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W23-X1A1G-35 MACOM-W23-X1A1G-35 Datasheet
101Kb / 3P
   Toggle or Push/Pull Actuator Thermal P and B Circuit Breaker
More results

Similar Description - W23-X1A1G-35

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A Datasheet
354Kb / 2P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
RGL34A MCC-RGL34A Datasheet
352Kb / 2P
   0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
AB-9961-2 ETC2-AB-9961-2 Datasheet
295Kb / 2P
   high-speed Dual Ported RAM may be used to connect
logo
New Jersey Semi-Conduct...
2N5660 NJSEMI-2N5660 Datasheet
163Kb / 2P
   0.5 AMP SWITCHING
logo
Micro Commercial Compon...
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Central Semiconductor C...
CP327V-D40C7 CENTRAL-CP327V-D40C7 Datasheet
734Kb / 4P
   NPN - Darlington Transistor Die 0.5 Amp, 50 Volt
R0 09-May 2022
logo
List of Unclassifed Man...
2N3027 ETC2-2N3027 Datasheet
248Kb / 6P
   SCRs 0.5 Amp, Planar
logo
Seme LAB
IP137MAHVE SEME-LAB-IP137MAHVE Datasheet
29Kb / 2P
   0.5 AMP NEGATIVE ADJUSTABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com