Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1393779-7 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 4-1393779-7
Description  Small size permitting high packing density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393779-7 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  4-1393779-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393779-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393779-7 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393779-7 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
Signal Relays
W11 Relay V23101 (Continued)
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
11 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
General Data
Operate time at Unom typ./ max.
5 ms / 7 ms
Release time without diode in parallel, typ. / max.
3 ms / 5 ms
Release time with diode in parallel, typ. / max.
10 ms / 12 ms
Bounce time at closing contact, typ. / max.
1 ms / 2 ms NO contact
5 ms / 10 ms at NC conctact
Maximum switching rate without load
20 operations/s
Ambient temperature
-40 °C ... +70 °C / 85 °C, standard / sensitive coil
Thermal resistance
< 125 K/W
Maximum permissible coil temperature
130 °C
Vibration resistance (function)
10 G, 10 to 200 Hz
Shock resistance, half sinus, 11 ms
30 G (function)
100 G (damage)
Degree of protection
immersion cleanable, IP 67
Needle flame test
application time 20 s, burning time < 15 s
Mounting position
any
Processing information
Ultrasonic cleaning is not recommended
Weight (mass)
max. 4 g
Terminal coating
SnCu 0,7
Resistance to soldering heat
265 °C / 10 s
Packing
Dimensions in mm
Tube dimensions
25 relays per tube
625 relays per box
Insulation
Insulation resistance at 500 Vdc
> 109
Dielectric test voltage (1 min)
between coil and contacts
between open contacts
1000 Vrms
750 Vrms
High Frequency Data
Capacitance
between coil and contacts
between open contacts
max. 10 pF
max. 2 pF
Dimensions
Packing
Product code structure
Typical product code
V23101
D0
104
B
401
Type
V23101 W11 Series Signal Relay
Pinning
D0
6 pin vetrsion (standard)
D1
5-pin version (without pin no. 6)
Coil
Coil code: please refer to coil versions table
Coil terminal assignment
A
Symmetrical coil assignment
B
Asymmetrical coil assignment
Contacts
201
1 form C (CO), AgPd, gold plated
301
1 form C (CO), AgNi
401
1 form C (CO), AgNi, gold plated


Similar Part No. - 4-1393779-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1393779-7 TEC-4-1393779-7 Datasheet
1Mb / 4P
   Small size permitting high packing density
More results

Similar Description - 4-1393779-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23101 TEC-V23101 Datasheet
1Mb / 4P
   Small size permitting high packing density
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
MAKO SEMICONDUCTOR CO.,...
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
   Small size making it easy to provide high-density,small-sized
logo
Advanced Crystal Techno...
ACT86SMX ACT-ACT86SMX Datasheet
116Kb / 1P
   ideal for high density packing and automatic placement on circuit boards
21-11-2006
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
List of Unclassifed Man...
GWX-38 ETC-GWX-38 Datasheet
53Kb / 1P
   Miniature size for high density applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com