Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4531UR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 1N4531UR
Description  Metallurgically Bonded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4531UR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N4531UR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4531UR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4531UR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Switching Diode
Rev. V1
1N4531UR
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Available in JAN, JANTX, and JANTXV per
MIL-PRF-19500/116
 Metallurgically Bonded
 Hermetically Sealed
 Double Plug Construction
Maximum Ratings
Operating & Storage Temperature: -65°C to +175°C
Operating Current: 200 mA @ TA = +75°C
Derating Factor: 1.14 mA/°C above TA = +25°C
Surge Current A: 2.0 A, sinewave, Pw = 8.3 ms
Surge Current B: 0.704 A square, Pw = 8.3 ms
DC Reverse Voltage (VRWM): 75 V
DC Electrical Characteristics
VF
IR
VBR
Ambient
(°C)
IF
mA
Min.
V
Max.
V
Ambient
(°C)
V
(dc)
Min.
A
Max.
A
Ambient
(°C)
IR
mA
Min.
V
Max.
V
25
10
0.8
25
20
0.025
25
100
100
25
25
100
1.2
25
75
0.500
150
10
0.8
150
20
35.0
-55
100
1.3
150
75
75.0
AC Electrical Characteristics @ 25°C
Parameter
Symbol Maximum
Capacitance @ 0 V
pF
4
Capacitance @ 1.5 V
pF
2.8
TRR @ IF = IR = 10 mA, IREC = 1 mA
nsec
5
TFR @ IF = 50 mA
nsec
20
VFR @ IF = 50 mA
V(pk)
5


Similar Part No. - 1N4531UR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4531UR MICROSEMI-1N4531UR Datasheet
102Kb / 19P
   PERFORMANCE SPECIFICATION
1N4531UR MICROSEMI-1N4531UR Datasheet
85Kb / 1P
   SWITCHING DIODE
More results

Similar Description - 1N4531UR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B_1 Datasheet
123Kb / 2P
   METALLURGICALLY BONDED
JAN1N485B MICROSEMI-JAN1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED
JANTX1N3595UR MICROSEMI-JANTX1N3595UR Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454 MA-COM-1N4454 Datasheet
550Kb / 3P
   Metallurgically Bonded
logo
Compensated Deuices Inc...
1N957 CDI-DIODE-1N957 Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454UR MA-COM-1N4454UR Datasheet
568Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
JANTXV1N3595UR-1 MICROSEMI-JANTXV1N3595UR-1 Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
JANTX1N485B MICROSEMI-JANTX1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED, HERMETICALLY SEALED
1N957 MICROSEMI-1N957 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
logo
New Jersey Semi-Conduct...
1N5194 NJSEMI-1N5194 Datasheet
46Kb / 1P
   GENERAL PURPOSE SILICON DIODES METALLURGICALLY BONDED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com