Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3418S Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N3418S
Description  NPN Medium Power Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N3418S Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N3418S Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N3418S Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N3418S Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N3418S Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Medium Power Silicon Transistor
Rev. V1
2N3418(S) - 2N3421(S) Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Available in JAN, JANTX, JANTXV, JANS and
JANSR 100K rads(Si) per MIL-PRF-19500/393
 TO-5 & TO-39 (TO-205AD) Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 50 mAdc
2N3418, S, 2N3420, S
2N3419, S, 2N3421, S
V(BR)CEO Vdc
60
80
Collector - Emitter Cutoff Current
VCE = 80 Vdc, VBE = -0.5 Vdc
2N3418, S, 2N3420, S
VCE = 120 Vdc, VBE = -0.5 Vdc
2N3419, S, 2N3421, S
ICEX
µAdc
0.3
0.3
Collector - Emitter Cutoff Current
VCE = 45
2N3418, S, 2N3420, S
VCE = 60
2N3419, S, 2N3421, S
ICEO
µAdc
5.0
5.0
Emitter - Base Cutoff Current
VEB = 6 Vdc, IC = 0
VEB = 8 Vdc, IC = 0
IEBO
µAdc
0.5
10.0
On Characteristics1
Forward Current Transfer Ratio
IC = 100 mAdc, VCE = 2 Vdc
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
IC = 1 Adc, VCE = 2 Vd
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
IC = 2 Adc, VCE = 2 Vdc
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
IC = 5 Adc, VCE = 5 Vdc
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
HFE
-
20
40
20
40
15
30
10
15
60
120
Base - Emitter Voltage
IC = 1 Adc, IB = 0.1 Adc
IC = 2 Adc, IB = 0.2 Adc
VBE(SAT) Vdc
0.6
0.7
1.2
1.4
Collector - Emitter Saturation Voltage
IC = 1 Adc, IB = 0.1 Adc
IC = 2 Adc, IB = 0.2 Adc
VCE(SAT) Vdc
0.25
0.50


Similar Part No. - 2N3418S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3418S MICROSEMI-2N3418S Datasheet
342Kb / 6P
   NPN MEDIUM POWER SILICON TRANSISTOR
2N3418S MICROSEMI-2N3418S Datasheet
50Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR
More results

Similar Description - 2N3418S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com