Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011167 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011167
Description  Stage Driver Amplifier for E Band
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011167 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011167 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Medium Power Amplifier
71 - 86 GHz
Rev. V2
MAAM-011167
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
Layout Dimensions
App Note [4] Detector biasing schematic -
As shown in the schematic below, the power
detector is biased by matched 120 kΩ resistors to a
5 V bias. The difference voltage between VDET and
VREF pins can be obtained using the op-amp
differencing circuit shown below.
1
5
6
2
3
4
7
8
9
11
12
13
14
15
16
17
10
Die Thickness = 50µm
RF Pads = 60 x 120µm2
DC Pads = 100 x 100µm2


Similar Part No. - MAAM-011167

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-000PPR MA-COM-MAAM-011162-000PPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-DSBPPR MA-COM-MAAM-011162-DSBPPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-USBPPR MA-COM-MAAM-011162-USBPPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAM-011167

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5216 MITSUBISHI-MGFC5216 Datasheet
31Kb / 4P
   Q-Band 4-Stage Driver Amplifier
logo
TriQuint Semiconductor
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
logo
First Silicon Co., Ltd
FTA916 FS-FTA916 Datasheet
97Kb / 2P
   Driver stage amplifier
logo
TriQuint Semiconductor
TGA2507 TRIQUINT-TGA2507_15 Datasheet
298Kb / 10P
   12 18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2506 TRIQUINT-TGA2506_15 Datasheet
286Kb / 11P
   12 18 GHz Ku-Band 2-Stage Driver Amplifier
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2506-EPU TRIQUINT-TGA2506-EPU Datasheet
191Kb / 11P
   12-18 GHz Ku-Band 2-Stage Driver Amplifier
logo
SHANTOU HUASHAN ELECTRO...
HA1837 HUASHAN-HA1837 Datasheet
332Kb / 2P
   Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA1225-Y TOSHIBA-2SA1225-Y Datasheet
150Kb / 4P
   Driver Stage Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com