Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011184-001SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011184-001SMB
Description  CATV Return Path Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011184-001SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011184-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011184-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011184-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011184-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011184-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011184-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011184-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CATV Return Path Amplifier
5 - 300 MHz
Rev. V2
MAAM-011184
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
PIN = -21 dBm, 5 - 300 MHz
PIN = -21 dBm, 205 MHz
dB
20
21
21
Input Return Loss
PIN = -21 dBm, 5 - 300 MHz
dB
26
Output Return Loss
PIN = -21 dBm, 5 - 300 MHz
dB
23
Reverse Isolation
PIN = -21 dBm, 5 - 300 MHz
dB
23
Noise Figure
5 - 205 MHz
205 - 300 MHz
dB
2.25
2.5
P1dB
5 - 300 MHz
dBm
21.7
OIP35
PIN = -21 dBm per tone, 3 MHz spacing, f1 = 5 - 205 MHz
PIN = -21 dBm per tone, 3 MHz spacing, f1 = 205 MHz
dBm
38
43
41
OIP25
PIN = -21 dBm per tone, 3 MHz spacing, f1 = 5 - 205 MHz
dBm
64
Output Power
at 30 dB MER6
16 Channels, 5 - 205 MHz
dBmV/Channel
51
ICC
7
VCC = 5 V
mA
95
115
Electrical Specifications4: TA = 25°C, VCC = 5 V, Z0 = 75 Ω
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Absolute Maximum
Input Power
11 dBm
VCC
6 V
Junction Temperature
10,11
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings8,9
8. Exceeding any one or a combination of these limits may cause
permanent damage to this device.
9. MACOM does not recommend sustained operation near these
survivability limits.
10.Operating at nominal conditions with TJ ≤ 150°C will ensure
MTTF > 1 x 106 hours.
11.Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 44° C/W.
a) For TC = +25°C,
TJ = 46°C @ 5 V, 95 mA
b) For TC = +85°C,
TJ = 106°C @ 5 V, 95 mA
4. Data corresponds to the typical application circuit shown on page 3 of this datasheet. See pages 4 and 5 for typical performance using
this application circuit.
5. f1 is the frequency of the lower of the two input tones. Higher tone f2 = f1 + 3 MHz. OIP2 is measured at intermodulation frequency f1 + f2.
6. Modulation Error Ratio, 64 QAM 5.12 MS/s.
7. ICC is the total DC current draw from the VCC supply. As shown on page 3 of this datasheet, it is distributed to device pins 1, 6, and 8.


Similar Part No. - MAAM-011184-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011182 MA-COM-MAAM-011182 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-001SMB MA-COM-MAAM-011182-001SMB Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR1000 MA-COM-MAAM-011182-TR1000 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR3000 MA-COM-MAAM-011182-TR3000 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
More results

Similar Description - MAAM-011184-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
JDS Uniphase Corporatio...
EPM705250NC0 JDSU-EPM705250NC0 Datasheet
268Kb / 6P
   Forward and Return Path Analog CATV Detector Modules
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
logo
Qorvo, Inc
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com