Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-011145 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011145
Description  Integrated Power Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011145 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

  MAAP-011145 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011145 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Power Amplifier, 2 W
17.65 - 19.75 GHz
Rev. V3
MAAP-011145
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAAP-011145

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011140-DIE MA-COM-MAAP-011140-DIE Datasheet
930Kb / 12P
   Power Amplifier, 6 W
MAAP-011146-001SMB MA-COM-MAAP-011146-001SMB Datasheet
1Mb / 10P
   Power Amplifier, 2 W
MAAP-011146-STD MA-COM-MAAP-011146-STD Datasheet
1Mb / 10P
   Power Amplifier, 2 W
MAAP-011146-STR500 MA-COM-MAAP-011146-STR500 Datasheet
1Mb / 10P
   Power Amplifier, 2 W
More results

Similar Description - MAAP-011145

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1039-QJ MA-COM-XP1039-QJ_15 Datasheet
911Kb / 8P
   Integrated Power Detector
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6440 AVAGO-AMMC-6440 Datasheet
226Kb / 8P
   Integrated RF power detector
AMMC-6408 AVAGO-AMMC-6408 Datasheet
589Kb / 12P
   Integrated RF power detector
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
   Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
Silicon Laboratories
SI1145 SILABS-SI1145 Datasheet
1Mb / 70P
   Integrated infrared proximity detector
logo
ON Semiconductor
NCS5000 ONSEMI-NCS5000 Datasheet
57Kb / 8P
   Integrated RF Schottky Detector
September, 2001 ??Rev. 2
logo
Fairchild Semiconductor
RMPA2271 FAIRCHILD-RMPA2271 Datasheet
373Kb / 9P
   WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
logo
NTE Electronics
NTE1668 NTE-NTE1668 Datasheet
79Kb / 4P
   Integrated Circuit TV SoundIF/Detector
NTE1580 NTE-NTE1580 Datasheet
24Kb / 3P
   Integrated Circuit IF Amp & Detector
NTE974 NTE-NTE974 Datasheet
28Kb / 4P
   Integrated Circuit Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com