Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-118260 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-118260
Description  Fully Integrated Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-118260 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-118260 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAP-118260 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Power Amplifier
18 - 26 GHz
Rev. V1
MAAP-118260
8
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0009796
Typical Performance Curves: VD = 5 V, IDQ = 0.65 A, VG = -1.05 ~ -0.85 V, TA = +25C
500
550
600
650
700
750
800
850
900
-5
0
5
10
15
20
25
30
35
-30
-25
-20
-15
-10
-5
0
5
10
15
Input Power (dBm)
Output Power (dBm), Power Gain (dB), Drain Current (mA)
vs. Input Power (dBm) @ 26.50GHz, Vd = 5V, Id = 650mA
Output Power (dBm)
Power Gain (dB)
Drain Current (dBm)
0
5
10
15
20
25
30
35
20
22
24
26
28
30
32
34
-5
0
5
10
15
20
25
30
35
Output Power (dBm)
Power Gain (dB) and Power Added Efficiency (%) vs. Output
Power (dBm) @ 26.50GHz, Vd = 5V, Id = 650mA
Power Gain (dB)
Power Added Efficiency (%)
-0.5
0
0.5
1
1.5
-5
0
5
10
15
20
25
30
35
Output Power (dBm)
Envelope Detector Voltage (V) vs. Ouput Power,
Vd = 5V, Id = 650mA
Freq = 17.70GHz
Freq = 19.16GHz
Freq = 20.62GHz
Freq = 22.08GHz
Freq = 23.54GHz
Freq = 25.00GHz
Freq = 26.50GHz
0.5
1
1.5
2
2.5
-5
0
5
10
15
20
25
30
35
Output Power (dBm)
Peak Detector Voltage (V) vs. Ouput Power,
Vd = 5V, Id = 650mA
Freq = 17.70GHz
Freq = 19.16GHz
Freq = 20.62GHz
Freq = 22.08GHz
Freq = 23.54GHz
Freq = 25.00GHz
Freq = 26.50GHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
5
10
15
20
25
30
SCL Output Power (dBm)
3rd Order Intermodulation (dBm) vs. SCL Output Power,
Vd = 5V, Id = 650mA
Freq = 17.70GHz
Freq = 19.16GHz
Freq = 20.62GHz
Freq = 22.08GHz
Freq = 23.54GHz
Freq = 25.00GHz
Freq = 26.50GHz


Similar Part No. - MAAP-118260

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-110150-001SMB MA-COM-MAAP-110150-001SMB Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-110150-TR0500 MA-COM-MAAP-110150-TR0500 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
More results

Similar Description - MAAP-118260

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-010150 MA-COM-MAAP-010150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
   Fully Integrated Power Amplifier
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
   Fully integrated
logo
Siemens Semiconductor G...
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
logo
AVAGO TECHNOLOGIES LIMI...
MGA-21108 AVAGO-MGA-21108 Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Broadcom Corporation.
MGA-21108 BOARDCOM-MGA-21108 Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com