Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACP-011033-TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-011033-TB
Description  Available on Tape and Reel
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-011033-TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MACP-011033-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-011033-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-011033-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACP-011033-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MACP-011033-TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8 dB Coupler
5 - 1225 MHz
V1
MACP-011033
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: Freq. = 5 - 1225 MHz, TA = 25°C, Z0 = 75 Ω, Pin = 0 dBm
Parameter
Conditions
Units
Min.
Typ.
Max.
Coupling Ratio
dB
8
Coupling
(Pin 1- Pin 3)
5 - 1225 MHz
dB
8.5
8.0
6.6
Main Line Loss
(Pin 1- Pin 6)
5 - 1000 MHz
1000 - 1225 MHz
dB
1.9
2.6
2.2
2.8
Isolation
(Pin 1- Pin 4)
5 - 1000 MHz
1000 - 1225 MHz
dB
16
14
18
16
Input Return Loss
(Pin 1)
5 - 1000 MHz
1000 - 1225 MHz
dB
15
12
18
14
Output Return Loss
(Pin 6)
5 - 1000 MHz
1000 - 1225 MHz
dB
14
12
16
14
Coupling Return Loss
(Pin 3)
5 - 1000 MHz
1000 - 1225 MHz
dB
13
11
16
13
Parameter
Absolute Maximum
Input Power
0.5 W
DC Current
500 mA
Operating Temperature
-40°C to +85°C
Absolute Maximum Ratings
Application Schematic


Similar Part No. - MACP-011033-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-011031 MA-COM-MACP-011031 Datasheet
1Mb / 6P
   RoHS compliant and Pb free
MACP-011031-TB MA-COM-MACP-011031-TB Datasheet
1Mb / 6P
   RoHS compliant and Pb free
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011032-TB MA-COM-MACP-011032-TB Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
More results

Similar Description - MACP-011033-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
   Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
   Available on tape and reel
XSCBD43MB SUNLED-XSCBD43MB Datasheet
230Kb / 3P
   Available on tape and reel
logo
M/A-COM Technology Solu...
MABA-010655-CF1A40-V3 MA-COM-MABA-010655-CF1A40-V3 Datasheet
681Kb / 4P
   Available on tape and reel
MAPD-011002 MA-COM-MAPD-011002 Datasheet
717Kb / 5P
   Available on Tape and Reel
MAPD-011039 MA-COM-MAPD-011039 Datasheet
807Kb / 7P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com