Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-011029 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-011029
Description  3 Terminal LPF Broadband Shunt Structure
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-011029 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

  MADP-011029 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADP-011029 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
High Power PIN Diode
50 MHz - 12 GHz
Rev. V3
MADP-011029-14150
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
Microwave Model of MADP-011029-14150T
Parameter
Value
Cpackage
8.0E-14 F
L bond = Ls
4.0E-10 H
Rs
0.9 Ω
Rp
5E+5 Ω
1
2
3
Cpkg/2
Cj
Rj
Ls
Ls
Cpkg/2
2
1
3
Rj = Rs (Forward Bias Current)
Rj = Rp (Reverse Bias Voltage)


Similar Part No. - MADP-011029

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011029-14150T MA-COM-MADP-011029-14150T Datasheet
431Kb / 9P
   High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T Datasheet
431Kb / 9P
   High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T_15 Datasheet
431Kb / 9P
   High Power PIN Diode
More results

Similar Description - MADP-011029

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADL-011023-14150T MA-COM-MADL-011023-14150T Datasheet
735Kb / 5P
   3 Terminal LPF Broadband Shunt Structure
logo
SeCoS Halbleitertechnol...
STL431 SECOS-STL431 Datasheet
731Kb / 3P
   3-Terminal Adjustable Shunt Regulator
TL431 SECOS-TL431 Datasheet
583Kb / 3P
   3-Terminal Adjustable Shunt Regulator
logo
List of Unclassifed Man...
LT50 ETC-LT50 Datasheet
530Kb / 1P
   L TERMINAL SHUNT RESISTORS
logo
Sanken electric
SMA6843MP SANKEN-SMA6843MP_08 Datasheet
448Kb / 2P
   Support for 3-shunt
logo
OSA Opto Light GmbH
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
   Structure
logo
Murata Manufacturing Co...
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
   LC Filters(LPF)
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
201Kb / 3P
   LC Filters(LPF)
LFL182G45TC1A108 MURATA-LFL182G45TC1A108 Datasheet
200Kb / 3P
   LC Filters(LPF)
LFL15869MTC1B787 MURATA-LFL15869MTC1B787_17 Datasheet
209Kb / 3P
   LC Filters(LPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com