Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5903 Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC5903
Description  Bidirectionally Buffers I2C SDA Signal
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC5903 Datasheet HTML 6Page - IXYS Corporation CPC5903 Datasheet HTML 7Page - IXYS Corporation CPC5903 Datasheet HTML 8Page - IXYS Corporation CPC5903 Datasheet HTML 9Page - IXYS Corporation CPC5903 Datasheet HTML 10Page - IXYS Corporation CPC5903 Datasheet HTML 11Page - IXYS Corporation CPC5903 Datasheet HTML 12Page - IXYS Corporation CPC5903 Datasheet HTML 13Page - IXYS Corporation CPC5903 Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
10
www.ixysic.com
R02
Thus normal-width pulses of width tPULSE applied at
IOB exhibit a stretched pulse width of:
tPWB_nom = tPULSE + tFIL + tOPLH_BA + tSLEWA + tOPLH_AB
at IOB, which is also given by:
tPWB_nom = tPULSE + tPHL_BAB
and is typically tPULSE + 290ns.
Side A receivers have been designed to exhibit a
significant amount of hysteresis, which helps to
eliminate false clocking. They have not been internally
low-pass filtered beyond the filtering inherent within
the optical channel. When the I2C bus is terminated
for maximum bandwidth (6mA pullups and minimal
capacitance), the receivers typically will respond to
pulses greater than 12ns. If additional filtering is
desired, then externally increasing the load
capacitance of the I2C lines, until the amount of time
the offending signal spends above/below VDD /2 is
less than 10ns, will reject the signal at the expense of
increasing rise and fall times.
The Side B receiver does implement some hysteresis
and low-pass filtering in addition to the optics. An
asserted pulse typically needs to be held below
0.2VDD for 15ns before it is accepted at the Side B
input. This may require a 30ns pulse applied by a
typical driver with just 20pF loading the I2C lines.
While any very short pulse stretched to the minimum
time above would seem to cause a large amount of
pulse width distortion, within 400kHz Fast-mode I2C,
the shortest allowable signal or clock asserted low
time is 1.3
s. Neither Standard-mode nor Fast-mode
variants include any legal signals that are less than
80ns (typ); thus the tPWA_nom and tPWB_nom equations
above always apply. The pulse width on valid longer
pulses receives less stretching and is proportionally
less noticeable. For example the Fast-mode minimum
clock low time of 1.3
S when applied at Side B would
typically be seen as a 1.375
S pulse at Side A and will
be stretched to a length of 1.59
s for other devices on
the Side B bus.
Internal filtering and the flip-flop at IOB are used to
ensure that an equal number of pulse edges are seen
at both sides of the isolation barrier when Side B is
driven. When a signal at IOB is asserted low, the
flip-flop self-drives the IOB pin until the optical channel
back from Side A proves that Side A has successfully
been asserted. While this is generally a welcome error
reduction feature and is especially useful on the side
with nonstandard levels, it does need to be considered
when assigning Side A and Side B ports. If Side A is
not powered up, then the signal back from Side A will
not appear until after Side A has been powered, and
the signal at Side B will be stretched until that time.
Side A uses filtered hysteresis at its standard inputs,
not pulse stretching, to defeat sub-minimum-size
pulses. Thus that side of the isolation barrier, which
will be the bus master at power-up, should be
assigned to Side A.
3.6 Start-Up
Upon startup and with loss of VDDx, internal circuitry
place the outputs in the deasserted Hi-Z state.
3.7 Power Supply Decoupling and Noise
There are no special power supply decoupling
requirements for the CPC5903. Additionally, because
the CPC5903 uses optical coupling to transfer clock
and data across the barrier there are no internal
clocking circuits requiring special layout or noise
reduction techniques to maintain EMI and RFI
compliance.


Similar Part No. - CPC5903

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5902 IXYS-CPC5902 Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
CPC5902G IXYS-CPC5902G Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
CPC5902GS IXYS-CPC5902GS Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
CPC5902GSTR IXYS-CPC5902GSTR Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
More results

Similar Description - CPC5903

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1563151 PHOENIX-1563151 Datasheet
71Kb / 4P
   Patch cable - VS-04-2X2X26C7/7-SDA/SDA/3,5
12/06/2018
1653948 PHOENIX-1653948 Datasheet
106Kb / 6P
   Patch cable - VS-04-2X2X26C7/7-SDA/SDB/5,0
09/11/2020
1653919 PHOENIX-1653919 Datasheet
463Kb / 11P
   VS-04-2X2X26C7/7-67B/SDA/2,0 - Patch cable
1405578 PHOENIX-1405578 Datasheet
63Kb / 3P
   USB cable - VS-04-C-SDA/SDB/1,8
09/11/2020
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272 Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
logo
PHOENIX CONTACT
1653935 PHOENIX-1653935 Datasheet
105Kb / 6P
   Patch cable - VS-04-2X2X26C7/7-SDA/SDB/2,0
09/11/2020
1653922 PHOENIX-1653922 Datasheet
463Kb / 11P
   VS-04-2X2X26C7/7-67B/SDA/5,0 - Patch cable
logo
List of Unclassifed Man...
TSG601 ETC1-TSG601 Datasheet
155Kb / 2P
   TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
PHOENIX CONTACT
1654853 PHOENIX-1654853 Datasheet
105Kb / 6P
   Patch cable - VS-04-2X2X26C7/7-SDA/SDB/1,0
09/11/2020
1655784 PHOENIX-1655784 Datasheet
335Kb / 9P
   VS-04-2X2X26C7/7-SDA/OE/2,0 - Patch cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com