Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41691A7228Q001 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41691A7228Q001
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41691A7228Q001 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41691A7228Q001 Datasheet HTML 4Page - TDK Electronics B41691A7228Q001 Datasheet HTML 5Page - TDK Electronics B41691A7228Q001 Datasheet HTML 6Page - TDK Electronics B41691A7228Q001 Datasheet HTML 7Page - TDK Electronics B41691A7228Q001 Datasheet HTML 8Page - TDK Electronics B41691A7228Q001 Datasheet HTML 9Page - TDK Electronics B41691A7228Q001 Datasheet HTML 10Page - TDK Electronics B41691A7228Q001 Datasheet HTML 11Page - TDK Electronics B41691A7228Q001 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
VR =25VDC
330
12
× 30
290
1600
150
150
4.3
3.4
2.1
1.05
470
14
× 25
210
1200
110
102
4.6
3.7
2.2
1.1
1000
16
× 30
110
550
60
55
6.5
5.2
3.2
1.6
1000
18
× 25
100
550
53
50
7.4
5.9
3.6
1.8
1500
16
× 39
73
370
42
39
9.0
7.2
4.4
2.2
1500
18
× 30
69
370
38
35
9.4
7.5
4.6
2.3
1800
20
× 29
58
300
32
30
10.1
8.1
4.9
2.4
2000
18
× 39
50
270
28
26
12.7
10.2
6.2
3.1
3000
21
× 39
37
180
22
21
14.3
11.5
7.0
3.5
4000
21
× 49
29
135
17
16
18.0
14.5
8.8
4.4
VR =40VDC
330
12
× 30
240
1250
115
105
4.8
3.8
2.3
1.15
470
14
× 30
170
900
85
77
5.7
4.6
2.8
1.4
680
16
× 30
120
600
65
60
6.5
5.2
3.1
1.5
680
18
× 25
115
600
60
55
7.2
5.8
3.5
1.7
820
16
× 35
95
500
54
49
7.7
6.2
3.7
1.8
1000
16
× 39
80
410
45
41
8.9
7.2
4.3
2.1
1000
18
× 30
77
410
40
37
9.2
7.4
4.5
2.2
1200
20
× 29
55
320
35
33
10.0
8.0
4.9
2.4
1500
18
× 39
53
270
27
25
12.7
10.2
6.2
3.1
2200
21
× 39
39
185
21
20
14.3
11.5
7.0
3.5
2700
21
× 49
30
150
18
17
17.9
14.4
8.7
4.3
VR =63VDC
220
12
× 30
279
925
90
86
5.2
4.0
2.5
1.3
240
14
× 25
263
853
90
85
4.8
3.7
2.3
1.2
330
14
× 30
193
621
67
63
6.0
4.7
2.9
1.5
360
16
× 25
189
576
72
68
5.1
4.0
2.5
1.3
430
18
× 25
146
475
49
47
7.5
5.8
3.7
1.8
470
16
× 30
144
442
55
52
6.5
5.0
3.1
1.6
560
16
× 35
120
370
45
43
7.7
6.0
3.8
1.9
620
18
× 30
103
331
35
33
9.5
7.4
4.6
2.3
680
16
× 39
99.9
306
38
36
8.8
6.8
4.3
2.1
750
18
× 35
84.4
273
29
28
11.2
8.8
5.5
2.7
820
21
× 30
80.6
252
30
28
10.3
8.1
5.1
2.5
910
18
× 39
70.1
226
24
23
12.7
10.0
6.2
3.1
1000
21
× 35
66.1
207
24
23
12.3
9.6
6.0
3.0
1300
21
× 39
52.2
160
20
19
13.9
10.8
6.8
3.4
1600
21
× 49
42.1
130
16
15
17.7
13.8
8.6
4.3
B41691, B41791
Low ESR
up to 150
°C
Page8of17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41691A7228Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41691A7228Q001 TDK-B41691A7228Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
More results

Similar Description - B41691A7228Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com