Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLCV25TR10MEFR Datasheet(PDF) 6 Page - TDK Electronics

Part # NLCV25TR10MEFR
Description  Inductors for Decoupling Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25TR10MEFR Datasheet(HTML) 6 Page - TDK Electronics

Back Button NLCV25TR10MEFR Datasheet HTML 2Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 3Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 4Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 5Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 6Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 7Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 8Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 9Page - TDK Electronics NLCV25TR10MEFR Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(6/10)
INDUC
T
O
RS
20160909 / inductor_commercial_decoupling_nlcv25-efr_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLCV25-EFR Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
DC resistance
Rated current
Part No.
(µH)
Tolerance
ref.
(MHz)
(
Ω )±20%
(mA)max.
0.1
±20%
5
25.2
0.04
1890
NLCV25T-R10M-EFR
0.15
±20%
5
25.2
0.044
1800
NLCV25T-R15M-EFR
0.22
±20%
5
25.2
0.05
1690
NLCV25T-R22M-EFR
0.33
±20%
5
25.2
0.065
1480
NLCV25T-R33M-EFR
0.47
±20%
5
25.2
0.08
1340
NLCV25T-R47M-EFR
0.68
±20%
5
25.2
0.09
1260
NLCV25T-R68M-EFR
1
±20%
10
7.96
0.14
1000
NLCV25T-1R0M-EFR
1.5
±20%
10
7.96
0.18
890
NLCV25T-1R5M-EFR
2.2
±20%
10
7.96
0.27
730
NLCV25T-2R2M-EFR
3.3
±20%
10
7.96
0.44
570
NLCV25T-3R3M-EFR
4.7
±20%
10
7.96
0.57
500
NLCV25T-4R7M-EFR
6.8
±20%
10
7.96
0.92
390
NLCV25T-6R8M-EFR
10
±10%
15
2.52
1.1
360
NLCV25T-100K-EFR
Measurement item
Product No.
Manufacturer
L, Q
4194A+16085A+16093B
Keysight Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLCV25TR10MEFR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T TDK-NLCV25T Datasheet
52Kb / 2P
   For Power Line SMD
NLCV25T-100K TDK-NLCV25T-100K Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
NLCV25T-100K-EF TDK-NLCV25T-100K-EF Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV25T-100K-EFD TDK-NLCV25T-100K-EFD Datasheet
253Kb / 4P
   SMD / SMT Inductors (Coils)
More results

Similar Description - NLCV25TR10MEFR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com