Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32320B7356J010 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32320B7356J010
Description  Film Capacitors ??AC Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32320B7356J010 Datasheet(HTML) 3 Page - TDK Electronics

  B32320B7356J010 Datasheet HTML 1Page - TDK Electronics B32320B7356J010 Datasheet HTML 2Page - TDK Electronics B32320B7356J010 Datasheet HTML 3Page - TDK Electronics B32320B7356J010 Datasheet HTML 4Page - TDK Electronics B32320B7356J010 Datasheet HTML 5Page - TDK Electronics B32320B7356J010 Datasheet HTML 6Page - TDK Electronics B32320B7356J010 Datasheet HTML 7Page - TDK Electronics B32320B7356J010 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Film Capacitors – AC Capacitors
B32320/B32322
Motor run capacitors
B32320/B32322 – MotorCap
CAP RD FILM PD AC
September 2016
Please read Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Test data
AC test voltage terminal to terminal VTT
2
 VR, 2 s (routine test)
2
 VR, 60 s (type test)
Insulation resistance Rins or time constant 
at 20 °C, rel. humidity
 65% (minimum as-delivered values)
3000 s
Dissipation factor tan
 at 20 °C
 7.0 10-3 (1 kHz )
Maximum rate of voltage rise dV/dtmax
10 V/
s
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
–25° C
Upper category Tmax
+85° C
Damp heat test ttest
21 days
Mechanical and thermal properties
Ball pressure test to IEC 60309-1 sec. 27.3
20 N at 125 °C
Plastic can and top disk material
Compliant to IEC 60252-1
UL 94 V2 compatible
Glow wire test to IEC 60695-2-1/0 and –2-1/1
Test temp 550 °C for IR ≤ 0.5 A
Test temp 850 °C for IR > 0.5 A
Self-extinguishing within 30 seconds of
withdrawing the glow wire and without igniting
wrapping tissue.
Tracking test to IEC 60112 solution A
> 250 V
Compatibility to RoHS
Compliance to directive 2002/95/EC
Approvals
VDE EN 60252-1
Approved
400 V/85 °C: 10000 h (class B) for 1.5 µF to 50
µF
480 V/85 °C: 3000 h (class C) for 3 µF to 35 µF
Compliance to LV directive 2014/35/EU
Display of ordering codes for EPCOS products
The ordering code for one and the same EPCOS product can be represented differently in data sheets, data
books, other publications, on the EPCOS website, or in order-related documents such as shipping notes, order
confirmations and product labels. The varying representations of the ordering codes are due to different
processes employed and do not affect the specifications of the respective products
. Detailed information
can be found on the Internet under www.epcos.com/orderingcodes


Similar Part No. - B32320B7356J010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32320B7356J010 EPCOS-B32320B7356J010 Datasheet
424Kb / 8P
   Film capacitors - AC capacitors
More results

Similar Description - B32320B7356J010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com