Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLCV25T-3R3M-EFR Datasheet(PDF) 9 Page - TDK Electronics

Part # NLCV25T-3R3M-EFR
Description  Inductors for Decoupling Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-3R3M-EFR Datasheet(HTML) 9 Page - TDK Electronics

Back Button NLCV25T-3R3M-EFR Datasheet HTML 2Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 3Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 4Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 5Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-3R3M-EFR Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(9/10)
INDUC
T
O
RS
20160909 / inductor_commercial_decoupling_nlcv25-efr_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLCV25-EFR Type
ELECTRICAL CHARACTERISTICS
IMPEDANCE FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.01
0.1
1
10
100000
100
1000
10000
0.1
1
10
100
10000
1000
Frequency(MHz)
4R7M
3R3M
2R2M
1R5M
1R0M
6R8M
100K
R22M
R33M
R47M
R68M
R15M
R10M
Product No.
Manufacturer
4294A
Keysight Technologies


Similar Part No. - NLCV25T-3R3M-EFR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T-3R3M-EFR TDK-NLCV25T-3R3M-EFR Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
NLCV25T-3R3M-EFRD TDK-NLCV25T-3R3M-EFRD Datasheet
254Kb / 4P
   SMD / SMT Inductors (Coils)
More results

Similar Description - NLCV25T-3R3M-EFR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com