Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXXXD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74HCXXXXD
Description  High?밣erformance Silicon?밎ate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXXD Datasheet(HTML) 5 Page - Motorola, Inc

  MC74HCXXXXD Datasheet HTML 1Page - Motorola, Inc MC74HCXXXXD Datasheet HTML 2Page - Motorola, Inc MC74HCXXXXD Datasheet HTML 3Page - Motorola, Inc MC74HCXXXXD Datasheet HTML 4Page - Motorola, Inc MC74HCXXXXD Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MC74HC7266
High–Speed CMOS Logic Data
DL129 — Rev 6
5
MOTOROLA
OUTLINE DIMENSIONS
N SUFFIX
PLASTIC DIP PACKAGE
CASE 646–06
ISSUE L
NOTES:
1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE
POSITION AT SEATING PLANE AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
4. ROUNDED CORNERS OPTIONAL.
1
7
14
8
B
A
F
H
G
D
K
C
N
L
J
M
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
0.300 BSC
7.62 BSC
M
0
10
0
10
N
0.015
0.039
0.39
1.01
_
_
_
_
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.228
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
P 7 PL
G
C
K
SEATING
PLANE
D 14 PL
M
J
R X 45
°
1
7
8
14
0.25 (0.010)
T
B
A
M
S
S
B
0.25 (0.010) M
M
F
How to reach us:
USA/EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com –TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MC74HC7266/D
*MC74HC7266/D*
CODELINE


Similar Part No. - MC74HCXXXXD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXXD MOTOROLA-MC74HCXXXXD Datasheet
455Kb / 15P
   Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCXXXXD ONSEMI-MC74HCXXXXD Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
455Kb / 15P
   Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCXXXXDT ONSEMI-MC74HCXXXXDT Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
269Kb / 10P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXXD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com