Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ0402PSA1N3BT000 Datasheet(PDF) 2 Page - TDK Electronics

Part # MHQ0402PSA1N3BT000
Description  Unique ceramic material and configuration allows for the realization of high Q characteristics
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402PSA1N3BT000 Datasheet(HTML) 2 Page - TDK Electronics

  MHQ0402PSA1N3BT000 Datasheet HTML 1Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 2Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 3Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 4Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 5Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 6Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 7Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 8Page - TDK Electronics MHQ0402PSA1N3BT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
(2/16)
INDUC
T
O
RS
20160125 / inductor_commercial_high-frequency_mhq0402psa_en.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 12 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C, Humidity: 10 to 75% RH
or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - MHQ0402PSA1N3BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402PSA1N3BT000 TDK-MHQ0402PSA1N3BT000_17 Datasheet
188Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ0402PSA1N3BT000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-DBD-DA/W ETC2-ANT-916-DBD-DA/W Datasheet
197Kb / 1P
   Unique dual-band configuration.
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Ohmite Mfg. Co.
WC-SERIES OHMITE-WC-SERIES Datasheet
489Kb / 2P
   The unique design (patent pending) of the WC Series
W-SERIES OHMITE-W-SERIES Datasheet
333Kb / 1P
   The unique design (patent pending) of the W Series
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
logo
Advanced Crystal Techno...
ACTF45-48 ACT-ACTF45-48 Datasheet
189Kb / 6P
   the characteristics of the SAW Duplexer
SEPT 04
logo
Microchip Technology
AN1043 MICROCHIP-AN1043 Datasheet
308Kb / 10P
   Unique Features of the MCP23X08/17 GPIO Expanders
2006
logo
TOKO, Inc
LL1608-F15NK TOKO-LL1608-F15NK Datasheet
362Kb / 2P
   Laminated ceramic allows high SRF
logo
Sharp Corporation
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F Datasheet
227Kb / 10P
   The outline and the characteristics of the analog ouput distance measuring sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com