Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ0402PSA1N6ST000 Datasheet(PDF) 11 Page - TDK Electronics

Part # MHQ0402PSA1N6ST000
Description  Unique ceramic material and configuration allows for the realization of high Q characteristics
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402PSA1N6ST000 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MHQ0402PSA1N6ST000 Datasheet HTML 7Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 8Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 9Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 10Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 11Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 12Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 13Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 14Page - TDK Electronics MHQ0402PSA1N6ST000 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
(11/16)
INDUC
T
O
RS
20160125 / inductor_commercial_high-frequency_mhq0402psa_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ0402PSA Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
1.6
1.6
1.6
1.6
1.6
14
18
30
32
36
MHQ0402PSA1N6BT000
1.6
1.6
1.6
1.6
1.6
14
18
30
32
36
MHQ0402PSA1N6CT000
1.6
1.6
1.6
1.6
1.6
14
18
30
32
36
MHQ0402PSA1N6ST000
1.7
1.7
1.7
1.7
1.7
15
19
31
33
37
MHQ0402PSA1N7BT000
1.7
1.7
1.7
1.7
1.7
15
19
31
33
37
MHQ0402PSA1N7CT000
1.7
1.7
1.7
1.7
1.7
15
19
31
33
37
MHQ0402PSA1N7ST000
1.8
1.8
1.8
1.8
1.8
14
18
30
31
35
MHQ0402PSA1N8BT000
1.8
1.8
1.8
1.8
1.8
14
18
30
31
35
MHQ0402PSA1N8CT000
1.8
1.8
1.8
1.8
1.8
14
18
30
31
35
MHQ0402PSA1N8ST000
1.9
1.9
1.9
1.9
1.9
14
18
29
31
35
MHQ0402PSA1N9BT000
1.9
1.9
1.9
1.9
1.9
14
18
29
31
35
MHQ0402PSA1N9CT000
1.9
1.9
1.9
1.9
1.9
14
18
29
31
35
MHQ0402PSA1N9ST000
2.0
2.0
1.9
1.9
1.9
14
18
30
31
35
MHQ0402PSA2N0BT000
2.0
2.0
1.9
1.9
1.9
14
18
30
31
35
MHQ0402PSA2N0CT000
2.0
2.0
1.9
1.9
1.9
14
18
30
31
35
MHQ0402PSA2N0ST000
2.1
2.1
2.1
2.1
2.1
13
17
29
30
34
MHQ0402PSA2N1BT000
2.1
2.1
2.1
2.1
2.1
13
17
29
30
34
MHQ0402PSA2N1CT000
2.1
2.1
2.1
2.1
2.1
13
17
29
30
34
MHQ0402PSA2N1ST000
2.2
2.2
2.2
2.2
2.2
14
18
29
30
34
MHQ0402PSA2N2BT000
2.2
2.2
2.2
2.2
2.2
14
18
29
30
34
MHQ0402PSA2N2CT000
2.2
2.2
2.2
2.2
2.2
14
18
29
30
34
MHQ0402PSA2N2ST000
2.3
2.3
2.3
2.3
2.3
13
17
29
31
35
MHQ0402PSA2N3BT000
2.3
2.3
2.3
2.3
2.3
13
17
29
31
35
MHQ0402PSA2N3CT000
2.3
2.3
2.3
2.3
2.3
13
17
29
31
35
MHQ0402PSA2N3ST000
2.4
2.4
2.4
2.4
2.4
14
18
29
30
33
MHQ0402PSA2N4BT000
2.4
2.4
2.4
2.4
2.4
14
18
29
30
33
MHQ0402PSA2N4CT000
2.4
2.4
2.4
2.4
2.4
14
18
29
30
33
MHQ0402PSA2N4ST000
2.5
2.5
2.5
2.5
2.5
14
19
31
33
37
MHQ0402PSA2N5BT000
2.5
2.5
2.5
2.5
2.5
14
19
31
33
37
MHQ0402PSA2N5CT000
2.5
2.5
2.5
2.5
2.5
14
19
31
33
37
MHQ0402PSA2N5ST000
2.6
2.6
2.6
2.6
2.6
14
18
30
32
36
MHQ0402PSA2N6BT000
2.6
2.6
2.6
2.6
2.6
14
18
30
32
36
MHQ0402PSA2N6CT000
2.6
2.6
2.6
2.6
2.6
14
18
30
32
36
MHQ0402PSA2N6ST000
2.7
2.7
2.7
2.7
2.7
14
18
29
31
35
MHQ0402PSA2N7BT000
2.7
2.7
2.7
2.7
2.7
14
18
29
31
35
MHQ0402PSA2N7CT000
2.7
2.7
2.7
2.7
2.7
14
18
29
31
35
MHQ0402PSA2N7ST000
2.8
2.8
2.8
2.8
2.8
14
18
29
31
35
MHQ0402PSA2N8BT000
2.8
2.8
2.8
2.8
2.8
14
18
29
31
35
MHQ0402PSA2N8CT000
2.8
2.8
2.8
2.8
2.8
14
18
29
31
35
MHQ0402PSA2N8ST000
Measurement item
Product No.
Manufacturer
L, Q
4991A+16196D
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
4338A
Yokogawa


Similar Part No. - MHQ0402PSA1N6ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402PSA1N6ST000 TDK-MHQ0402PSA1N6ST000_17 Datasheet
188Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ0402PSA1N6ST000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-DBD-DA/W ETC2-ANT-916-DBD-DA/W Datasheet
197Kb / 1P
   Unique dual-band configuration.
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Ohmite Mfg. Co.
WC-SERIES OHMITE-WC-SERIES Datasheet
489Kb / 2P
   The unique design (patent pending) of the WC Series
W-SERIES OHMITE-W-SERIES Datasheet
333Kb / 1P
   The unique design (patent pending) of the W Series
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
logo
Advanced Crystal Techno...
ACTF45-48 ACT-ACTF45-48 Datasheet
189Kb / 6P
   the characteristics of the SAW Duplexer
SEPT 04
logo
Microchip Technology
AN1043 MICROCHIP-AN1043 Datasheet
308Kb / 10P
   Unique Features of the MCP23X08/17 GPIO Expanders
2006
logo
TOKO, Inc
LL1608-F15NK TOKO-LL1608-F15NK Datasheet
362Kb / 2P
   Laminated ceramic allows high SRF
logo
Sharp Corporation
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F Datasheet
227Kb / 10P
   The outline and the characteristics of the analog ouput distance measuring sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com