Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603S2N2ST000 Datasheet(PDF) 3 Page - TDK Electronics

Part # MLG0603S2N2ST000
Description  Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S2N2ST000 Datasheet(HTML) 3 Page - TDK Electronics

  MLG0603S2N2ST000 Datasheet HTML 1Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 2Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 3Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 4Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 5Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 6Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 7Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 8Page - TDK Electronics MLG0603S2N2ST000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
(3/14)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for High Frequency Circuits
Multilayer Ceramic
FEATURES
Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for High-
frequency.
APPLICATION
Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners
and other high frequency circuits for the mobile communication industry
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of MLG0603S Type
MLG
0603
S
0N3
S
T
000
Series name
L×W×H Dimensions
Product internal
code
Inductance
Inductance
tolerance
Packaging style
Internal code
(mm)
(nH)
0603
0.6×0.3×0.3
S
1N1
1.1
B
±0.1nH
T
Taping
000
11N
11
C
±0.2nH
R10
100
S
±0.3nH
H±3%
J±5%
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MLG0603S
–55 to +125
–55 to +125
15000
0.2
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - MLG0603S2N2ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S2N2ST000 TDK-MLG0603S2N2ST000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLG0603S2N2ST000 TDK-MLG0603S2N2ST000_17 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S2N2ST000

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA605.A.ABC.001 TAOGLAS-MA605.A.ABC.001 Datasheet
1Mb / 23P
   Advanced RF Design and Materials
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ Datasheet
1Mb / 20P
   Advanced RF Design and Materials
MA673.A.CGH.004 TAOGLAS-MA673.A.CGH.004 Datasheet
2Mb / 27P
   Advanced RF Design and Materials
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001 Datasheet
4Mb / 18P
   Advanced RF Design and Materials
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001 Datasheet
1Mb / 29P
   Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
   Advanced RF Design and Materials
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002 Datasheet
1Mb / 30P
   Advanced RF Design and Materials
MA672.A.CGH.003 TAOGLAS-MA672.A.CGH.003 Datasheet
3Mb / 15P
   Advanced RF Design and Materials
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
   Advanced RF Design and Materials
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com