Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3371 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC3371
Description  LOW POWER FM IF
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3371 Datasheet(HTML) 2 Page - Motorola, Inc

  MC3371 Datasheet HTML 1Page - Motorola, Inc MC3371 Datasheet HTML 2Page - Motorola, Inc MC3371 Datasheet HTML 3Page - Motorola, Inc MC3371 Datasheet HTML 4Page - Motorola, Inc MC3371 Datasheet HTML 5Page - Motorola, Inc MC3371 Datasheet HTML 6Page - Motorola, Inc MC3371 Datasheet HTML 7Page - Motorola, Inc MC3371 Datasheet HTML 8Page - Motorola, Inc MC3371 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC3371 MC3372
2
MOTOROLA ANALOG IC DEVICE DATA
RECOMMENDED OPERATING CONDITIONS
Rating
Pin
Symbol
Value
Unit
Supply Voltage
(@ TA = 25°C)
( –30
°C p TA p +75°C)
4
VCC
2.0 to 9.0
2.4 to 9.0
Vdc
RF Input Voltage
16
Vrf
0.0005 to 10
mVrms
RF Input Frequency
16
frf
0.1 to 100
MHz
Oscillator Input Voltage
1
Vlocal
80 to 400
mVrms
Intermediate Frequency
fif
455
kHz
Limiter Amp Input Voltage
5
Vif
0 to 400
mVrms
Filter Amp Input Voltage
10
Vfa
0.1 to 300
mVrms
Squelch Input Voltage
12
Vsq
0 or 2
Vdc
Mute Sink Current
14
lsq
0.1 to 30
mA
Ambient Temperature Range
TA
–30 to +70
°C
AC ELECTRICAL CHARACTERISTICS (VCC = 4.0 Vdc, fo = 58.1125 MHz, df = ±3.0 kHz, fmod = 1.0 kHz, 50 Ω source,
flocal = 57.6575 MHz, Vlocal = 0 dBm, TA = 25°C, unless otherwise noted)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Input for 12 dB SINAD
Matched Input – (See Figures
11, 12 and 13)
Unmatched Input – (See Figures 1 and 2)
VSIN
1.0
5.0
15
µVrms
Input for 20 dB NQS
VNQS
3.5
µVrms
Recovered Audio Output Voltage
Vrf = –30 dBm
AFO
120
200
320
mVrms
Recovered Audio Drop Voltage Loss
Vrf = –30 dBm, VCC = 4.0 V to 2.0 V
AFloss
–8.0
–1.5
dB
Meter Drive Output Voltage (No Modulation)
Vrf = –100 dBm
Vrf = –70 dBm
Vrf = –40 dBm
13
MDrv
MV1
MV2
MV3
1.1
2.0
0.3
1.5
2.5
0.5
1.9
3.1
Vdc
Filter Amp Gain
Rs = 600 Ω , fs = 10 kHz, Vfa = 1.0 mVrms
AV(Amp)
47
50
dB
Mixer Conversion Gain
Vrf = –40 dBm, RL = 1.8 kΩ
AV(Mix)
14
20
dB
Signal to Noise Ratio
Vrf = –30 dBm
s/n
36
67
dB
Total Harmonic Distortion
Vrf = –30 dBm, BW = 400 Hz to 30 kHz
THD
0.6
3.4
%
Detector Output Impedance
9
ZO
450
Detector Output Voltage (No Modulation)
Vrf = –30 dBm
9
DVO
1.45
Vdc
Meter Drive
Vrf = –100 to –40 dBm
13
MO
0.8
µA/dB
Meter Drive Dynamic Range
RFIn
IFIn (455 kHz)
13
MVD
60
80
dB
Mixer Third Order Input Intercept Point
f1 = 58.125 MHz
f2 = 58.1375 MHz
ITOMix
–22
dBm
Mixer Input Resistance
16
Rin
3.3
k
Mixer Input Capacitance
16
Cin
2.2
pF


Similar Part No. - MC3371

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MC3371 MURATA1-MC3371 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
LANSDALE Semiconductor ...
MC3371D LANSDALE-MC3371D Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
MC3371D LANSDALE-MC3371D Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
MC3371P LANSDALE-MC3371P Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
MC3371P LANSDALE-MC3371P Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
More results

Similar Description - MC3371

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC3361 PHILIPS-MC3361 Datasheet
220Kb / 3P
   LOW POWER FM IF
March 28 1988
SA614A PHILIPS-SA614A Datasheet
216Kb / 14P
   Low power FM IF system
1997 Nov 07
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
NXP Semiconductors
SA614A PHILIPS-SA614A_15 Datasheet
1Mb / 28P
   Low power FM IF system
Rev. 4-14 February 2014
SA614A NXP-SA614A Datasheet
1Mb / 28P
   Low power FM IF system
Rev. 4-14 February 2014
logo
Sony Corporation
CXA1002 SONY-CXA1002 Datasheet
415Kb / 9P
   LOW POWER FM IF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com