Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41689A7108Q003 Datasheet(PDF) 9 Page - TDK Electronics

Part # B41689A7108Q003
Description  Aluminum electrolytic capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41689A7108Q003 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B41689A7108Q003 Datasheet HTML 5Page - TDK Electronics B41689A7108Q003 Datasheet HTML 6Page - TDK Electronics B41689A7108Q003 Datasheet HTML 7Page - TDK Electronics B41689A7108Q003 Datasheet HTML 8Page - TDK Electronics B41689A7108Q003 Datasheet HTML 9Page - TDK Electronics B41689A7108Q003 Datasheet HTML 10Page - TDK Electronics B41689A7108Q003 Datasheet HTML 11Page - TDK Electronics B41689A7108Q003 Datasheet HTML 12Page - TDK Electronics B41689A7108Q003 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Case dimensions and ordering codes
CR
120 Hz
20
°C
μF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
∇ Increased ripple current due to optimized thermal design
VR =63VDC
360
16
× 25
B41689B8367Q001
B41689B8367Q003
B41789B8367Q001
360
16
× 25
B41689L8367Q001
B41689L8367Q003
B41789L8367Q001
470
18
× 25
B41689B8477Q001
B41789B8477Q001
470
18
× 25
B41689L8477Q001
B41789L8477Q001
510
16
× 30
B41689B8517Q001
B41689B8517Q003
B41789B8517Q001
510
16
× 30
B41689L8517Q001
B41689L8517Q003
B41789L8517Q001
620
16
× 35
B41689B8627Q001
B41689B8627Q003
B41789B8627Q001
620
18
× 30
B41689C8627Q001
B41789C8627Q001
620
16
× 35
B41689L8627Q001
B41689L8627Q003
B41789L8627Q001
620
18
× 30
B41689M8627Q001
B41789M8627Q001
750
16
× 39
B41689B8757Q001
B41689B8757Q003
B41789B8757Q001
750
16
× 39
B41689L8757Q001
B41689L8757Q003
B41789L8757Q001
820
18
× 35
B41689B8827Q001
B41789B8827Q001
820
18
× 35
B41689L8827Q001
B41789L8827Q001
910
18
× 39
B41689B8917Q001
B41789B8917Q001
910
21
× 30
B41689C8917Q001
B41789C8917Q001
910
18
× 39
B41689L8917Q001
B41789L8917Q001
910
21
× 30
B41689M8917Q001
B41789M8917Q001
1100
21
× 35
B41689B8118Q001
B41789B8118Q001
1100
21
× 35
B41689L8118Q001
B41789L8118Q001
1300
21
× 39
B41689B8138Q001
B41789B8138Q001
1300
21
× 39
B41689L8138Q001
B41789L8138Q001
1800
21
× 49
B41689B8188Q001
B41789B8188Q001
1800
21
× 49
B41689L8188Q001
B41789L8188Q001
B41689, B41789
Very high ripple current
up to 150
°C
Page9of21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41689A7108Q003

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41689A7108Q003 TDK-B41689A7108Q003 Datasheet
51Kb / 2P
   Axial Capacitors
More results

Similar Description - B41689A7108Q003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com