Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0402Q2N0BT000 Datasheet(PDF) 4 Page - TDK Electronics

Part # MLG0402Q2N0BT000
Description  High Q type inductor for high-frequency circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0402Q2N0BT000 Datasheet(HTML) 4 Page - TDK Electronics

  MLG0402Q2N0BT000 Datasheet HTML 1Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 2Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 3Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 4Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 5Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 6Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 7Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 8Page - TDK Electronics MLG0402Q2N0BT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(4/15)
INDUC
T
O
RS
20160706 / inductor_commercial_high-frequency_mlg0402q_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0402Q Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30 to 60s
250 to 260°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - MLG0402Q2N0BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q2N0BT000 TDK-MLG0402Q2N0BT000 Datasheet
127Kb / 3P
   Inductors (Coils)
MLG0402Q2N0BT000 TDK-MLG0402Q2N0BT000_17 Datasheet
127Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0402Q2N0BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P0N6BT000 TDK-MLG0603P0N6BT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com