Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0402Q2N1BT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLG0402Q2N1BT000
Description  High Q type inductor for high-frequency circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0402Q2N1BT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLG0402Q2N1BT000 Datasheet HTML 2Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 3Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 4Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 5Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 6Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 7Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 8Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 9Page - TDK Electronics MLG0402Q2N1BT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(6/15)
INDUC
T
O
RS
20160706 / inductor_commercial_high-frequency_mlg0402q_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0402Q Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
* Please contact us for information on inductance tolerance, G (±2%).
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
0.2
±0.1nH
100
10.0
20.0
0.10
0.03
350
MLG0402Q0N2BT000
0.2
±0.2nH
100
10.0
20.0
0.10
0.03
350
MLG0402Q0N2CT000
0.3
±0.1nH
100
10.0
18.5
0.20
0.07
350
MLG0402Q0N3BT000
0.3
±0.2nH
100
10.0
18.5
0.20
0.07
350
MLG0402Q0N3CT000
0.4
±0.1nH
100
10.0
20.0
0.20
0.08
350
MLG0402Q0N4BT000
0.4
±0.2nH
100
10.0
20.0
0.20
0.08
350
MLG0402Q0N4CT000
0.5
±0.1nH
100
10.0
20.0
0.20
0.11
350
MLG0402Q0N5BT000
0.5
±0.2nH
100
10.0
20.0
0.20
0.11
350
MLG0402Q0N5CT000
0.6
±0.1nH
100
10.0
20.0
0.30
0.13
320
MLG0402Q0N6BT000
0.6
±0.2nH
100
10.0
20.0
0.30
0.13
320
MLG0402Q0N6CT000
0.7
±0.1nH
100
10.0
20.0
0.40
0.19
320
MLG0402Q0N7BT000
0.7
±0.2nH
100
10.0
20.0
0.40
0.19
320
MLG0402Q0N7CT000
0.8
±0.1nH
100
10.0
19.5
0.40
0.11
320
MLG0402Q0N8BT000
0.8
±0.2nH
100
10.0
19.5
0.40
0.11
320
MLG0402Q0N8CT000
0.9
±0.1nH
100
10.0
20.0
0.40
0.15
320
MLG0402Q0N9BT000
0.9
±0.2nH
100
10.0
20.0
0.40
0.15
320
MLG0402Q0N9CT000
1.0
±0.1nH
2
100
10.0
16.8
0.40
0.20
250
MLG0402Q1N0BT000
1.0
±0.2nH
2
100
10.0
16.8
0.40
0.20
250
MLG0402Q1N0CT000
1.0
±0.3nH
2
100
10.0
16.8
0.40
0.20
250
MLG0402Q1N0ST000
1.1
±0.1nH
2
100
10.0
16.6
0.50
0.22
250
MLG0402Q1N1BT000
1.1
±0.2nH
2
100
10.0
16.6
0.50
0.22
250
MLG0402Q1N1CT000
1.1
±0.3nH
2
100
10.0
16.6
0.50
0.22
250
MLG0402Q1N1ST000
1.2
±0.1nH
2
100
10.0
16.2
0.50
0.25
250
MLG0402Q1N2BT000
1.2
±0.2nH
2
100
10.0
16.2
0.50
0.25
250
MLG0402Q1N2CT000
1.2
±0.3nH
2
100
10.0
16.2
0.50
0.25
250
MLG0402Q1N2ST000
1.3
±0.1nH
2
100
10.0
16.0
0.60
0.28
250
MLG0402Q1N3BT000
1.3
±0.2nH
2
100
10.0
16.0
0.60
0.28
250
MLG0402Q1N3CT000
1.3
±0.3nH
2
100
10.0
16.0
0.60
0.28
250
MLG0402Q1N3ST000
1.4
±0.1nH
2
100
10.0
15.8
0.60
0.30
250
MLG0402Q1N4BT000
1.4
±0.2nH
2
100
10.0
15.8
0.60
0.30
250
MLG0402Q1N4CT000
1.4
±0.3nH
2
100
10.0
15.8
0.60
0.30
250
MLG0402Q1N4ST000
1.5
±0.1nH
2
100
10.0
15.6
0.60
0.37
220
MLG0402Q1N5BT000
1.5
±0.2nH
2
100
10.0
15.6
0.60
0.37
220
MLG0402Q1N5CT000
1.5
±0.3nH
2
100
10.0
15.6
0.60
0.37
220
MLG0402Q1N5ST000
1.6
±0.1nH
2
100
10.0
14.4
0.60
0.25
220
MLG0402Q1N6BT000
1.6
±0.2nH
2
100
10.0
14.4
0.60
0.25
220
MLG0402Q1N6CT000
1.6
±0.3nH
2
100
10.0
14.4
0.60
0.25
220
MLG0402Q1N6ST000
1.7
±0.1nH
2
100
10.0
13.4
0.60
0.25
200
MLG0402Q1N7BT000
1.7
±0.2nH
2
100
10.0
13.4
0.60
0.25
200
MLG0402Q1N7CT000
1.7
±0.3nH
2
100
10.0
13.4
0.60
0.25
200
MLG0402Q1N7ST000
1.8
±0.1nH
2
100
10.0
13.9
0.60
0.28
200
MLG0402Q1N8BT000
1.8
±0.2nH
2
100
10.0
13.9
0.60
0.28
200
MLG0402Q1N8CT000
1.8
±0.3nH
2
100
10.0
13.9
0.60
0.28
200
MLG0402Q1N8ST000
1.9
±0.1nH
2
100
9.0
12.2
0.60
0.27
200
MLG0402Q1N9BT000
1.9
±0.2nH
2
100
9.0
12.2
0.60
0.27
200
MLG0402Q1N9CT000
1.9
±0.3nH
2
100
9.0
12.2
0.60
0.27
200
MLG0402Q1N9ST000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16196D
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
4338A
Keysight Technologies


Similar Part No. - MLG0402Q2N1BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q2N1BT000 TDK-MLG0402Q2N1BT000 Datasheet
127Kb / 3P
   Inductors (Coils)
MLG0402Q2N1BT000 TDK-MLG0402Q2N1BT000_17 Datasheet
127Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0402Q2N1BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P0N6BT000 TDK-MLG0603P0N6BT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com