Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54FXXJ Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC54FXXJ
Description  DUAL 4-INPUT NAND GATE FAST SCHOTTKY TTL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54FXXJ Datasheet(HTML) 1 Page - Motorola, Inc

  MC54FXXJ Datasheet HTML 1Page - Motorola, Inc MC54FXXJ Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-17
FAST AND LS TTL DATA
DUAL 4-INPUT NAND GATE
VCC
GND
13
14
12
11
10
9
8
2
1
3
4
5
6
7
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54, 74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
74
0
25
70
IOH
Output Current — High
54, 74
–1.0
mA
IOL
Output Current — Low
54, 74
20
mA
DUAL 4-INPUT NAND GATE
FAST
™ SCHOTTKY TTL
MC54/74F20
MC54FXXJ
Ceramic
MC74FXXN
Plastic
MC74FXXD
SOIC
D SUFFIX
SOIC
CASE 751A-02
N SUFFIX
PLASTIC
CASE 646-06
J SUFFIX
CERAMIC
CASE 632-08
14
1
14
1
ORDERING INFORMATION
14
1


Similar Part No. - MC54FXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54FXXJ MOTOROLA-MC54FXXJ Datasheet
58Kb / 3P
   SCHMITT TRIGGERS DUAL 4-INPUT NAND/HEX INVERTERS
MC54FXXJ MOTOROLA-MC54FXXJ Datasheet
44Kb / 2P
   TRIPLE 3-INPUT AND GATE FAST SCHOTTKY TTL
MC54FXXJ MOTOROLA-MC54FXXJ Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
More results

Similar Description - MC54FXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54 MOTOROLA-MC54 Datasheet
41Kb / 2P
   QUAD 2-INPUT NAND GATE FAST SCHOTTKY TTL
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com