Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54FXXJ Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC54FXXJ
Description  DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54FXXJ Datasheet(HTML) 1 Page - Motorola, Inc

  MC54FXXJ Datasheet HTML 1Page - Motorola, Inc MC54FXXJ Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-29
FAST AND LS TTL DATA
DUAL 2-WIDE 2-INPUT, 2-WIDE
3-INPUT AND-OR-INVERT GATE
2Y
13
14
12
11
10
9
8
2
1
3
4
5
6
7
GND
VCC
CONNECTION DIAGRAM
1C
1B
1F
1E
1D
1Y
2D
2C
2B
2A
1A
FUNCTION TABLE
For 3-Input Gates
For 2-Input Gates
Inputs
Inputs
Output
Inputs
Output
A
B
C
D
E
F
1Y
A
B
C
D
2Y
H
H
H
X
X
X
L
H
H
X
X
L
X
X
X
H
H
H
L
X
X
H
H
L
All other combinations
H
All other combinations
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
1A
1B
1C
LOGIC SYMBOL
1
12
13
2
3
4
5
8
6
1Y
2Y
2B
2C
2D
2A
1D
1E
1F
9
10
11
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54,74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
74
0
25
70
IOH
Output Current — High
54, 74
–1.0
mA
IOL
Output Current — Low
54, 74
20
mA
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
D SUFFIX
SOIC
CASE 751A-02
MC54FXXJ
Ceramic
MC74FXXN
Plastic
MC74FXXD
SOIC
MC54/74F51
DUAL 2-WIDE 2-INPUT, 2-WIDE
3-INPUT AND-OR-INVERT GATE
FAST
™ SCHOTTKY TTL
14
1
14
1
ORDERING INFORMATION
14
1


Similar Part No. - MC54FXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54FXXJ MOTOROLA-MC54FXXJ Datasheet
58Kb / 3P
   SCHMITT TRIGGERS DUAL 4-INPUT NAND/HEX INVERTERS
MC54FXXJ MOTOROLA-MC54FXXJ Datasheet
44Kb / 2P
   TRIPLE 3-INPUT AND GATE FAST SCHOTTKY TTL
MC54FXXJ MOTOROLA-MC54FXXJ Datasheet
44Kb / 2P
   DUAL 4-INPUT NAND GATE FAST SCHOTTKY TTL
More results

Similar Description - MC54FXXJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
   Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS51 MOTOROLA-SN54LS51 Datasheet
48Kb / 2P
   DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com