Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74FXXJ Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74FXXJ
Description  4-BIT MAGNITUDE COMPARATOR FAST SCHOTTKY TTL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74FXXJ Datasheet(HTML) 1 Page - Motorola, Inc

  MC74FXXJ Datasheet HTML 1Page - Motorola, Inc MC74FXXJ Datasheet HTML 2Page - Motorola, Inc MC74FXXJ Datasheet HTML 3Page - Motorola, Inc MC74FXXJ Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-36
FAST AND LS TTL DATA
4-BIT MAGNITUDE COMPARATOR
The MC54/74F85 is a 4-Bit Magnitude Comparator which compares two
4-Bit words (A0-A3,B0-B3),A3,B3beingthemostsignificantinputs. Operation
is not restricted to binary codes; the device will work with any monotonic code.
Three Outputs are provided: “A greater than B” (0A > B), “A less than B” (0A
< B), “A equal to B” (0A = B). Three Expander Inputs, IA > B, IA < B, IA = B, allow
cascading without external gates. For proper compare operation, the Expan-
der Inputs to the least significant position must be connected as follows: IA <
B = IA > B = L, IA = B = H. For serial (ripple) expansion the 0A > B, 0A < B Outputs
are connected respectively to the IA > B and IA = B inputs of the next most sig-
nificant comparator, as shown in Figure 1. Refer to applications section of
data sheet for high speed method of comparing large words.
High Impedance NPN Base Inputs for Reduced Loading (20 µA in
HIGH and LOW States)
Magnitude Comparison of any Binary Words
Serial or Parallel Expansion Without Extra Gating
ESD > 4000 Volts
CONNECTION DIAGRAM
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
A3
B2
A2
A1
B1
A0
B0
B3
IA<B IA=B IA>B A>B
A=B
A<B
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54, 74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
A
74
0
25
70
IOH
Output Current
 High
54, 74
–1.0
mA
IOL
Output Current
 Low
54, 74
20
mA
MC54/74F85
4-BIT MAGNITUDE COMPARATOR
FAST
™ SCHOTTKY TTL
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
MC74FXXJ
Ceramic
MC74FXXN
Plastic
MC74FXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03


Similar Part No. - MC74FXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74FXXD MOTOROLA-MC74FXXD Datasheet
58Kb / 3P
   SCHMITT TRIGGERS DUAL 4-INPUT NAND/HEX INVERTERS
MC74FXXD MOTOROLA-MC74FXXD Datasheet
44Kb / 2P
   TRIPLE 3-INPUT AND GATE FAST SCHOTTKY TTL
MC74FXXD MOTOROLA-MC74FXXD Datasheet
44Kb / 2P
   DUAL 4-INPUT NAND GATE FAST SCHOTTKY TTL
MC74FXXD MOTOROLA-MC74FXXD Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
MC74FXXN MOTOROLA-MC74FXXN Datasheet
58Kb / 3P
   SCHMITT TRIGGERS DUAL 4-INPUT NAND/HEX INVERTERS
More results

Similar Description - MC74FXXJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
   4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com