Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54FXXXJ Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC54FXXXJ
Description  8-LINE TO 3-LINE PRIORITY ENCODER FAST SHOTTKY TTL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54FXXXJ Datasheet(HTML) 3 Page - Motorola, Inc

  MC54FXXXJ Datasheet HTML 1Page - Motorola, Inc MC54FXXXJ Datasheet HTML 2Page - Motorola, Inc MC54FXXXJ Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-61
FAST AND LS TTL DATA
MC54/74F148
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–1.2
V
IIN = –18 mA
VCC = MIN
VOH
Output HIGH Voltage
54, 74
2.5
3.4
V
IOH = –1.0 mA
VCC = 4.50 V
74
2.7
3.4
V
IOH = –1.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 20 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
100
µA
VCC = MAX, VIN = 7.0 V
IIL
I0, E1
–0.6
mA
VCC = MAX, VIN = 0.5 V
IIL
I1–I7
–1.2
mA
VCC = MAX, VIN = 0.5 V
IOS
Output Short Circuit Current (Note 2)
-60
–150
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
23
35
mA
VCC = MAX, VIN = 4.5 V
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under guaranteed operating ranges.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS
54/74F
54F
74F
TA = +25°C
VCC = +5.0 V
CL = 50 pF
TA = –55°C to +125°C
VCC = 5.0 V ± 10%
CL = 50 pF
TA = 0°C to 70°C
VCC = 5.0 V ± 10%
CL = 50 pF
Symbol
Parameter
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
3.5
7.0
9.0
3.5
11
3.5
10
ns
tPHL
In to An
4.0
8.0
10.5
4.0
13
4.0
12
ns
tPLH
Propagation Delay
2.5
5.0
6.5
2.5
8.5
2.5
7.5
ns
tPHL
In to EO
2.0
5.5
7.5
2.0
9.5
2.0
8.5
ns
tPLH
Propagation Delay
3.0
7.0
9.0
3.0
11
3.0
10
ns
tPHL
In to GS
2.0
6.0
8.0
2.0
10
2.0
9.0
ns
tPLH
Propagation Delay
3.5
6.5
8.5
3.5
10.5
3.5
9.5
ns
tPHL
E1 to An
3.0
6.0
8.0
3.0
10
3.0
9.0
ns
tPLH
Propagation Delay
2.5
5.0
7.0
2.5
9.0
2.5
8.0
ns
tPHL
E1 to GS
3.0
6.0
7.5
3.0
10
3.0
8.5
ns
tPLH
Propagation Delay
3.0
5.5
7.0
3.0
9.0
3.0
8.0
ns
tPHL
E1 to EO
4.5
8.0
10.5
4.5
13
4.5
12
ns


Similar Part No. - MC54FXXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
68Kb / 2P
   8-INPUT MULTIPLEXER
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
67Kb / 3P
   DUAL 4-INPUT DUAL 4-INPUT
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - MC54FXXXJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
   8-to-3 Line Priority Encoder
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
   8-TO-3 LINE PRIORITY ENCODER
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
   8-line-to-3-line Octal Priority Encoder
logo
Fairchild Semiconductor
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
   8-3 Line Priority Encoder
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
   8-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com