Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74FXXXN Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74FXXXN
Description  DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74FXXXN Datasheet(HTML) 3 Page - Motorola, Inc

  MC74FXXXN Datasheet HTML 1Page - Motorola, Inc MC74FXXXN Datasheet HTML 2Page - Motorola, Inc MC74FXXXN Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-162
FAST AND LS TTL DATA
MC54/74F353
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–1.2
V
IIN = –18 mA
VCC = MIN
VOH
Output HIGH Voltage
54, 74
2.4
3.3
V
IOH = –3.0 mA
VCC = 4.5 V
74
2.7
3.3
V
IOH = –3.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 24 mA
VCC = MIN
IOZH
Output OFF Current — HIGH
50
µA
VOUT = 2.7 V
VCC = MAX
IOZL
Output OFF Current — LOW
–50
µA
VOUT = 0.5 V
VCC = MAX
IIH
Input HIGH Current
20
µA
VIN = 2.7 V
VCC = MAX
100
VIN = 7.0 V
IIL
Input LOW Current
–0.6
mA
VIN = 0.5 V
VCC = MAX
IOS
Output Short Circuit Current (Note 2)
–60
–150
mA
VOUT = 0 V
VCC = MAX
ICCH
9.3
14
In, Sn, OEn = GND
ICCL
Power Supply Current
13.3
20
mA
In, Sn = GND
VCC = MAX
ICCZ
15
23
OEn = 4.5 V
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS
54/74F
54F
74F
TA = +25°C
TA = - 55°C to + 125°C
TA = 0°C to + 70°C
VCC = +5.0 V
VCC = 5.0 V ± 10%
VCC = 5.0 V ± 10%
CL = 50 pF
CL = 50 pF
CL = 50 pF
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
3.5
11
3.0
14
3.0
12.5
ns
tPHL
Sn to Zn
3.0
8.5
2.5
11
2.5
9.5
tPLH
Propagation Delay
2.5
7.0
2.0
9.0
2.0
8.0
ns
tPHL
In to Zn
1.0
3.5
1.0
5.0
1.0
4.0
tPZH
Output Enable Time
3.0
8.0
3.0
10.5
3.0
9.0
tPZL
3.5
8.0
3.0
10.5
3.0
9.0
tPHZ
Output Disable Time
2.0
5.0
2.0
7.0
1.5
6.0
ns
tPLZ
2.0
6.0
1.5
8.0
1.5
7.0


Similar Part No. - MC74FXXXN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
68Kb / 2P
   8-INPUT MULTIPLEXER
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
67Kb / 3P
   DUAL 4-INPUT DUAL 4-INPUT
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
91Kb / 3P
   8-LINE TO 3-LINE PRIORITY ENCODER FAST SHOTTKY TTL
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
More results

Similar Description - MC74FXXXN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com