Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXAD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74HCXXAD
Description  High?밣erformance Silicon?밎ate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXAD Datasheet(HTML) 4 Page - Motorola, Inc

  MC74HCXXAD Datasheet HTML 1Page - Motorola, Inc MC74HCXXAD Datasheet HTML 2Page - Motorola, Inc MC74HCXXAD Datasheet HTML 3Page - Motorola, Inc MC74HCXXAD Datasheet HTML 4Page - Motorola, Inc MC74HCXXAD Datasheet HTML 5Page - Motorola, Inc MC74HCXXAD Datasheet HTML 6Page - Motorola, Inc MC74HCXXAD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC54/74HC08A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
Figure 1. Switching Waveforms
OUTPUT Y
INPUT
A OR B
CL*
*Includes all probe and jig capacitance
TEST
POINT
90%
50%
10%
tTLH
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
Y
A
B
Figure 3. Expanded Logic Diagram
(1/4 of the Device)
tTHL
tPLH
tPHL
tr
tf
GND
VCC
90%
50%
10%


Similar Part No. - MC74HCXXAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXAD MOTOROLA-MC74HCXXAD Datasheet
170Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXAD MOTOROLA-MC74HCXXAD Datasheet
163Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXAD MOTOROLA-MC74HCXXAD Datasheet
181Kb / 8P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
MC74HCXXADT MOTOROLA-MC74HCXXADT Datasheet
170Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXADT MOTOROLA-MC74HCXXADT Datasheet
163Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com