Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43693E2826Q003 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43693E2826Q003
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43693E2826Q003 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43693E2826Q003 Datasheet HTML 5Page - TDK Electronics B43693E2826Q003 Datasheet HTML 6Page - TDK Electronics B43693E2826Q003 Datasheet HTML 7Page - TDK Electronics B43693E2826Q003 Datasheet HTML 8Page - TDK Electronics B43693E2826Q003 Datasheet HTML 9Page - TDK Electronics B43693E2826Q003 Datasheet HTML 10Page - TDK Electronics B43693E2826Q003 Datasheet HTML 11Page - TDK Electronics B43693E2826Q003 Datasheet HTML 12Page - TDK Electronics B43693E2826Q003 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
VR =140VDC
120
14
× 30
799
26.5
392
384
3.7
2.5
1.3
0.66
120
16
× 25
806
26.5
398
390
3.5
2.4
1.2
0.62
160
16
× 30
605
19.9
299
293
4.4
3.0
1.6
0.79
160
18
× 25
598
19.9
293
287
4.5
3.1
1.6
0.80
200
16
× 35
485
15.9
240
235
5.3
3.6
1.9
0.94
220
18
× 30
436
14.5
214
209
5.7
3.9
2.0
1.02
240
16
× 39
405
13.3
201
197
6.0
4.1
2.2
1.08
270
18
× 35
355
11.8
174
171
6.8
4.6
2.4
1.22
300
21
× 30
323
10.6
160
156
6.9
4.7
2.5
1.23
330
18
× 39
291
9.6
143
140
7.9
5.4
2.8
1.41
390
21
× 35
249
8.1
124
121
8.4
5.7
3.0
1.50
470
21
× 39
207
6.8
103
101
9.6
6.6
3.5
1.73
620
21
× 49
158
5.1
78
77
12.2
8.4
4.4
2.20
VR =160VDC
91
14
× 30
918
26.8
396
388
3.7
2.5
1.3
0.66
91
16
× 25
925
26.8
402
394
3.5
2.4
1.2
0.62
120
16
× 30
702
20.4
306
299
4.3
3.0
1.6
0.78
130
18
× 25
642
18.8
277
271
4.6
3.1
1.6
0.82
160
16
× 35
528
15.3
231
226
5.3
3.6
1.9
0.96
160
18
× 30
521
15.3
225
220
5.6
3.8
2.0
1.00
180
16
× 39
469
13.6
205
201
6.0
4.1
2.2
1.07
200
18
× 35
418
12.2
180
177
6.7
4.6
2.4
1.20
240
18
× 39
349
10.2
151
148
7.7
5.3
2.8
1.38
240
21
× 30
352
10.2
153
150
7.0
4.8
2.5
1.25
300
21
× 35
282
8.1
123
121
8.4
5.7
3.0
1.50
360
21
× 39
235
6.8
103
101
9.6
6.6
3.5
1.72
470
21
× 49
181
5.2
79
77
12.2
8.4
4.4
2.19
B43693, B43793
High voltage
125
°C
Page9of19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43693E2826Q003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43693 EPCOS-B43693 Datasheet
419Kb / 14P
   Aluminum electrolytic capacitors
B43693 EPCOS-B43693 Datasheet
427Kb / 14P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43693 TDK-B43693 Datasheet
410Kb / 16P
   Aluminum electrolytic capacitors
logo
EPCOS
B43693A1107Q007 EPCOS-B43693A1107Q007 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results

Similar Description - B43693E2826Q003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com