Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC5474HC374A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC5474HC374A
Description  High?밣erformance Silicon?밎ate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC5474HC374A Datasheet(HTML) 1 Page - Motorola, Inc

  MC5474HC374A Datasheet HTML 1Page - Motorola, Inc MC5474HC374A Datasheet HTML 2Page - Motorola, Inc MC5474HC374A Datasheet HTML 3Page - Motorola, Inc MC5474HC374A Datasheet HTML 4Page - Motorola, Inc MC5474HC374A Datasheet HTML 5Page - Motorola, Inc MC5474HC374A Datasheet HTML 6Page - Motorola, Inc MC5474HC374A Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 6
© Motorola, Inc. 1995
10/95
Octal 3-State
Noninverting D Flip-Flop
High–Performance Silicon–Gate CMOS
The MC54/74HC374A is identical in pinout to the LS374. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
Data meeting the setup time is clocked to the outputs with the rising edge
of the clock. The Output Enable input does not affect the states of the
flip–flops, but when Output Enable is high, the outputs are forced to the
high–impedance state; thus, data may be stored even when the outputs are
not enabled.
The HC374A is identical in function to the HC574A which has the input
pins on the opposite side of the package from the output. This device is
similar in function to the HC534A which has inverting outputs.
• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 266 FETs or 66.5 Equivalent Gates
LOGIC DIAGRAM
DATA
INPUTS
D0
11
CLOCK
D1
D2
D3
D4
D5
D6
D7
18
17
14
13
8
7
4
3
1
OUTPUT ENABLE
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
16
15
12
9
6
5
2
PIN 20 = VCC
PIN 10 = GND
NONINVERTING
OUTPUTS
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
L
H
H
L
L
L
L
L,H,
X
No Change
H
X
X
Z
X = don’t care
Z = high impedance
MC54/74HC374A
PIN ASSIGNMENT
Q2
D1
D0
Q0
OUTPUT
ENABLE
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
CLOCK
Q4
D4
D5
Q5
DW SUFFIX
SOIC PACKAGE
CASE 751D–04
N SUFFIX
PLASTIC PACKAGE
CASE 738–03
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXADW
MC74HCXXXASD
MC74HCXXXADT
Ceramic
Plastic
SOIC
SSOP
TSSOP
DT SUFFIX
TSSOP PACKAGE
CASE 948E–02
J SUFFIX
CERAMIC PACKAGE
CASE 732–03
1
20
1
20
SD SUFFIX
SSOP PACKAGE
CASE 940C–03
1
20
1
20
1
20


Similar Part No. - MC5474HC374A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474HC32A MOTOROLA-MC5474HC32A Datasheet
163Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC393A MOTOROLA-MC5474HC393A Datasheet
243Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC5474HC374A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com