Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603S33NJT000 Datasheet(PDF) 10 Page - TDK Electronics

Part # MLG0603S33NJT000
Description  Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S33NJT000 Datasheet(HTML) 10 Page - TDK Electronics

Back Button MLG0603S33NJT000 Datasheet HTML 6Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 7Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 8Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 9Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 10Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 11Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 12Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 13Page - TDK Electronics MLG0603S33NJT000 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
(10/14)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
2.8
2.8
2.9
2.9
3.0
15
19
29
31
33
MLG0603S3N0BT000
2.8
2.8
2.9
2.9
3.0
15
19
29
31
33
MLG0603S3N0CT000
2.8
2.8
2.9
2.9
3.0
15
19
29
31
33
MLG0603S3N0ST000
3.1
3.1
3.2
3.3
3.4
15
19
28
29
31
MLG0603S3N3BT000
3.1
3.1
3.2
3.3
3.4
15
19
28
29
31
MLG0603S3N3CT000
3.1
3.1
3.2
3.3
3.4
15
19
28
29
31
MLG0603S3N3ST000
3.4
3.4
3.5
3.6
3.7
14
18
26
27
29
MLG0603S3N6BT000
3.4
3.4
3.5
3.6
3.7
14
18
26
27
29
MLG0603S3N6CT000
3.4
3.4
3.5
3.6
3.7
14
18
26
27
29
MLG0603S3N6ST000
3.7
3.7
3.8
3.9
4.1
15
19
29
29
32
MLG0603S3N9BT000
3.7
3.7
3.8
3.9
4.1
15
19
29
29
32
MLG0603S3N9CT000
3.7
3.7
3.8
3.9
4.1
15
19
29
29
32
MLG0603S3N9ST000
4.1
4.1
4.3
4.4
4.6
14
18
27
27
29
MLG0603S4N3HT000
4.1
4.1
4.3
4.4
4.6
14
18
27
27
29
MLG0603S4N3ST000
4.4
4.4
4.8
4.9
5.2
15
20
28
29
30
MLG0603S4N7HT000
4.4
4.4
4.8
4.9
5.2
15
20
28
29
30
MLG0603S4N7ST000
4.8
4.8
5.1
5.3
5.6
14
18
25
26
27
MLG0603S5N1HT000
4.8
4.8
5.1
5.3
5.6
14
18
25
26
27
MLG0603S5N1ST000
5.3
5.3
5.7
5.9
6.4
16
20
27
28
29
MLG0603S5N6HT000
5.3
5.3
5.7
5.9
6.4
16
20
27
28
29
MLG0603S5N6ST000
5.9
5.9
6.5
6.8
7.5
15
18
25
25
26
MLG0603S6N2HT000
5.9
5.9
6.5
6.8
7.5
15
18
25
25
26
MLG0603S6N2ST000
6.4
6.5
7.4
7.8
8.7
15
19
26
26
25
MLG0603S6N8HT000
6.4
6.5
7.4
7.8
8.7
15
19
26
26
25
MLG0603S6N8JT000
7.1
7.1
7.8
8.0
8.7
14
18
25
26
26
MLG0603S7N5HT000
7.1
7.1
7.8
8.0
8.7
14
18
25
26
26
MLG0603S7N5JT000
7.8
7.8
8.8
9.3
10.4
15
18
24
24
24
MLG0603S8N2HT000
7.8
7.8
8.8
9.3
10.4
15
18
24
24
24
MLG0603S8N2JT000
8.6
8.6
9.8
10.3
11.5
14
17
22
22
22
MLG0603S9N1HT000
8.6
8.6
9.8
10.3
11.5
14
17
22
22
22
MLG0603S9N1JT000
10
10
12
12
15
15
18
23
22
21
MLG0603S10NHT000
10
10
12
12
15
15
18
23
22
21
MLG0603S10NJT000
10
11
13
14
16
15
18
22
22
20
MLG0603S11NHT000
10
11
13
14
16
15
18
22
22
20
MLG0603S11NJT000
11
12
14
15
19
16
19
24
23
20
MLG0603S12NHT000
11
12
14
15
19
16
19
24
23
20
MLG0603S12NJT000
12
13
16
17
22
14
16
19
18
15
MLG0603S13NHT000
12
13
16
17
22
14
16
19
18
15
MLG0603S13NJT000
14
15
20
23
33
15
19
20
18
14
MLG0603S15NHT000
14
15
20
23
33
15
19
20
18
14
MLG0603S15NJT000
15
16
22
25
37
14
16
16
15
11
MLG0603S16NHT000
15
16
22
25
37
14
16
16
15
11
MLG0603S16NJT000
17
18
28
35
14
17
15
13
MLG0603S18NHT000
17
18
28
35
14
17
15
13
MLG0603S18NJT000
19
20
32
13
16
14
MLG0603S20NHT000
19
20
32
13
16
14
MLG0603S20NJT000
21
23
40
15
17
13
MLG0603S22NHT000
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLG0603S33NJT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S33NJT000 TDK-MLG0603S33NJT000 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG0603S33NJT000 TDK-MLG0603S33NJT000_17 Datasheet
132Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S33NJT000

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA605.A.ABC.001 TAOGLAS-MA605.A.ABC.001 Datasheet
1Mb / 23P
   Advanced RF Design and Materials
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ Datasheet
1Mb / 20P
   Advanced RF Design and Materials
MA673.A.CGH.004 TAOGLAS-MA673.A.CGH.004 Datasheet
2Mb / 27P
   Advanced RF Design and Materials
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001 Datasheet
4Mb / 18P
   Advanced RF Design and Materials
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001 Datasheet
1Mb / 29P
   Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
   Advanced RF Design and Materials
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002 Datasheet
1Mb / 30P
   Advanced RF Design and Materials
MA672.A.CGH.003 TAOGLAS-MA672.A.CGH.003 Datasheet
3Mb / 15P
   Advanced RF Design and Materials
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
   Advanced RF Design and Materials
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com