Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603S39NHT000 Datasheet(PDF) 8 Page - TDK Electronics

Part # MLG0603S39NHT000
Description  Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S39NHT000 Datasheet(HTML) 8 Page - TDK Electronics

Back Button MLG0603S39NHT000 Datasheet HTML 4Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 5Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 6Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 7Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 8Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 9Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 10Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 11Page - TDK Electronics MLG0603S39NHT000 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
(8/14)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
22
±3%
6
100
2.00
2.50
1.20
0.88
150
MLG0603S22NHT000
22
±5%
6
100
2.00
2.50
1.20
0.88
150
MLG0603S22NJT000
24
±3%
6
100
1.90
2.30
1.30
0.90
150
MLG0603S24NHT000
24
±5%
6
100
1.90
2.30
1.30
0.90
150
MLG0603S24NJT000
27
±3%
6
100
1.80
2.20
1.50
1.00
100
MLG0603S27NHT000
27
±5%
6
100
1.80
2.20
1.50
1.00
100
MLG0603S27NJT000
30
±3%
6
100
1.60
2.00
1.60
0.95
100
MLG0603S30NHT000
30
±5%
6
100
1.60
2.00
1.60
0.95
100
MLG0603S30NJT000
33
±3%
6
100
1.60
2.00
1.80
1.20
100
MLG0603S33NHT000
33
±5%
6
100
1.60
2.00
1.80
1.20
100
MLG0603S33NJT000
36
±3%
6
100
1.50
1.80
2.00
1.68
50
MLG0603S36NHT000
36
±5%
6
100
1.50
1.80
2.00
1.68
50
MLG0603S36NJT000
39
±3%
6
100
1.40
1.60
2.00
1.40
50
MLG0603S39NHT000
39
±5%
6
100
1.40
1.60
2.00
1.40
50
MLG0603S39NJT000
43
±3%
6
100
1.30
1.60
2.20
1.91
50
MLG0603S43NHT000
43
±5%
6
100
1.30
1.60
2.20
1.91
50
MLG0603S43NJT000
47
±3%
6
100
1.30
1.50
2.20
1.48
50
MLG0603S47NHT000
47
±5%
6
100
1.30
1.50
2.20
1.48
50
MLG0603S47NJT000
51
±3%
5
100
1.20
1.50
2.80
1.98
50
MLG0603S51NHT000
51
±5%
5
100
1.20
1.50
2.80
1.98
50
MLG0603S51NJT000
56
±3%
5
100
1.20
1.40
3.20
2.11
50
MLG0603S56NHT000
56
±5%
5
100
1.20
1.40
3.20
2.11
50
MLG0603S56NJT000
62
±3%
5
100
1.10
1.30
3.30
2.22
50
MLG0603S62NHT000
62
±5%
5
100
1.10
1.30
3.30
2.22
50
MLG0603S62NJT000
68
±3%
5
100
1.05
1.24
3.50
2.40
50
MLG0603S68NHT000
68
±5%
5
100
1.05
1.24
3.50
2.40
50
MLG0603S68NJT000
75
±3%
5
100
0.95
1.17
3.80
2.67
50
MLG0603S75NHT000
75
±5%
5
100
0.95
1.17
3.80
2.67
50
MLG0603S75NJT000
82
±3%
5
100
0.90
1.08
4.00
2.80
50
MLG0603S82NHT000
82
±5%
5
100
0.90
1.08
4.00
2.80
50
MLG0603S82NJT000
91
±3%
5
100
0.77
0.94
4.30
2.97
50
MLG0603S91NHT000
91
±5%
5
100
0.77
0.94
4.30
2.97
50
MLG0603S91NJT000
100
±3%
5
100
0.77
0.94
4.50
3.13
50
MLG0603SR10HT000
100
±5%
5
100
0.77
0.94
4.50
3.13
50
MLG0603SR10JT000
110
±3%
5
100
0.77
0.94
6.50
5.24
50
MLG0603SR11HT000
110
±5%
5
100
0.77
0.94
6.50
5.24
50
MLG0603SR11JT000
120
±3%
5
100
0.70
0.88
7.00
5.53
50
MLG0603SR12HT000
120
±5%
5
100
0.70
0.88
7.00
5.53
50
MLG0603SR12JT000
130
±3%
5
100
0.67
0.84
7.30
5.68
50
MLG0603SR13HT000
130
±5%
5
100
0.67
0.84
7.30
5.68
50
MLG0603SR13JT000
150
±3%
5
100
0.64
0.77
8.00
6.24
50
MLG0603SR15HT000
150
±5%
5
100
0.64
0.77
8.00
6.24
50
MLG0603SR15JT000
160
±3%
5
100
0.60
0.73
8.30
6.67
50
MLG0603SR16HT000
160
±5%
5
100
0.60
0.73
8.30
6.67
50
MLG0603SR16JT000
180
±3%
5
100
0.56
0.68
8.50
6.99
50
MLG0603SR18HT000
180
±5%
5
100
0.56
0.68
8.50
6.99
50
MLG0603SR18JT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603S39NHT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S39NHT000 TDK-MLG0603S39NHT000 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG0603S39NHT000 TDK-MLG0603S39NHT000_17 Datasheet
132Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S39NHT000

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA605.A.ABC.001 TAOGLAS-MA605.A.ABC.001 Datasheet
1Mb / 23P
   Advanced RF Design and Materials
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ Datasheet
1Mb / 20P
   Advanced RF Design and Materials
MA673.A.CGH.004 TAOGLAS-MA673.A.CGH.004 Datasheet
2Mb / 27P
   Advanced RF Design and Materials
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001 Datasheet
4Mb / 18P
   Advanced RF Design and Materials
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001 Datasheet
1Mb / 29P
   Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
   Advanced RF Design and Materials
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002 Datasheet
1Mb / 30P
   Advanced RF Design and Materials
MA672.A.CGH.003 TAOGLAS-MA672.A.CGH.003 Datasheet
3Mb / 15P
   Advanced RF Design and Materials
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
   Advanced RF Design and Materials
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com