Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ0402PSA6N2JT000 Datasheet(PDF) 9 Page - TDK Electronics

Part # MHQ0402PSA6N2JT000
Description  Unique ceramic material and configuration allows for the realization of high Q characteristics
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402PSA6N2JT000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MHQ0402PSA6N2JT000 Datasheet HTML 5Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 6Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 7Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 8Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 9Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 10Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 11Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 12Page - TDK Electronics MHQ0402PSA6N2JT000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
(9/16)
INDUC
T
O
RS
20160125 / inductor_commercial_high-frequency_mhq0402psa_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ0402PSA Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Short bar residual inductance =0.11nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
4
±0.1nH
500
10
500
6
8.80
0.800
0.399
200
MHQ0402PSA4N0BT000
4
±0.2nH
500
10
500
6
8.80
0.800
0.399
200
MHQ0402PSA4N0CT000
4
±0.3nH
500
10
500
6
8.80
0.800
0.399
200
MHQ0402PSA4N0ST000
4.1
±0.1nH
500
10
500
6
8.65
0.800
0.396
200
MHQ0402PSA4N1BT000
4.1
±0.2nH
500
10
500
6
8.65
0.800
0.396
200
MHQ0402PSA4N1CT000
4.1
±0.3nH
500
10
500
6
8.65
0.800
0.396
200
MHQ0402PSA4N1ST000
4.2
±0.1nH
500
10
500
6
8.60
0.800
0.398
200
MHQ0402PSA4N2BT000
4.2
±0.2nH
500
10
500
6
8.60
0.800
0.398
200
MHQ0402PSA4N2CT000
4.2
±0.3nH
500
10
500
6
8.60
0.800
0.398
200
MHQ0402PSA4N2ST000
4.3
±3%
500
10
500
6
8.14
0.800
0.399
200
MHQ0402PSA4N3HT000
4.3
±5%
500
10
500
6
8.14
0.800
0.399
200
MHQ0402PSA4N3JT000
4.7
±3%
500
10
500
5
8.14
0.800
0.379
200
MHQ0402PSA4N7HT000
4.7
±5%
500
10
500
5
8.14
0.800
0.379
200
MHQ0402PSA4N7JT000
5.1
±3%
500
10
500
5
7.76
0.800
0.469
200
MHQ0402PSA5N1HT000
5.1
±5%
500
10
500
5
7.76
0.800
0.469
200
MHQ0402PSA5N1JT000
5.6
±3%
500
10
500
5
7.49
0.800
0.443
200
MHQ0402PSA5N6HT000
5.6
±5%
500
10
500
5
7.49
0.800
0.443
200
MHQ0402PSA5N6JT000
6.2
±3%
500
10
500
5
6.89
1.000
0.581
200
MHQ0402PSA6N2HT000
6.2
±5%
500
10
500
5
6.89
1.000
0.581
200
MHQ0402PSA6N2JT000
6.8
±3%
500
10
500
5
6.93
1.000
0.596
200
MHQ0402PSA6N8HT000
6.8
±5%
500
10
500
5
6.93
1.000
0.596
200
MHQ0402PSA6N8JT000
7.5
±3%
500
10
500
4
6.29
1.200
0.662
180
MHQ0402PSA7N5HT000
7.5
±5%
500
10
500
4
6.29
1.200
0.662
180
MHQ0402PSA7N5JT000
8.2
±3%
500
10
500
4
6.14
1.200
0.661
180
MHQ0402PSA8N2HT000
8.2
±5%
500
10
500
4
6.14
1.200
0.661
180
MHQ0402PSA8N2JT000
Measurement item
Product No.
Manufacturer
L, Q
4991A+16196D
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
4338A
Yokogawa


Similar Part No. - MHQ0402PSA6N2JT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402PSA6N2JT000 TDK-MHQ0402PSA6N2JT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ0402PSA6N2JT000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-DBD-DA/W ETC2-ANT-916-DBD-DA/W Datasheet
197Kb / 1P
   Unique dual-band configuration.
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Ohmite Mfg. Co.
WC-SERIES OHMITE-WC-SERIES Datasheet
489Kb / 2P
   The unique design (patent pending) of the WC Series
W-SERIES OHMITE-W-SERIES Datasheet
333Kb / 1P
   The unique design (patent pending) of the W Series
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
logo
Advanced Crystal Techno...
ACTF45-48 ACT-ACTF45-48 Datasheet
189Kb / 6P
   the characteristics of the SAW Duplexer
SEPT 04
logo
Microchip Technology
AN1043 MICROCHIP-AN1043 Datasheet
308Kb / 10P
   Unique Features of the MCP23X08/17 GPIO Expanders
2006
logo
TOKO, Inc
LL1608-F15NK TOKO-LL1608-F15NK Datasheet
362Kb / 2P
   Laminated ceramic allows high SRF
logo
Sharp Corporation
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F Datasheet
227Kb / 10P
   The outline and the characteristics of the analog ouput distance measuring sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com