Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603SR10JT000 Datasheet(PDF) 11 Page - TDK Electronics

Part # MLG0603SR10JT000
Description  Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603SR10JT000 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLG0603SR10JT000 Datasheet HTML 6Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 7Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 8Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 9Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 10Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 11Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 12Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 13Page - TDK Electronics MLG0603SR10JT000 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(11/14)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
21
23
40
15
17
13
MLG0603S22NJT000
23
24
45
13
15
13
MLG0603S24NHT000
23
24
45
13
15
13
MLG0603S24NJT000
27
29
15
17
MLG0603S27NHT000
27
29
15
17
MLG0603S27NJT000
29
32
13
15
MLG0603S30NHT000
29
32
13
15
MLG0603S30NJT000
33
36
14
16
MLG0603S33NHT000
33
36
14
16
MLG0603S33NJT000
36
40
14
15
MLG0603S36NHT000
36
40
14
15
MLG0603S36NJT000
40
47
13
14
MLG0603S39NHT000
40
47
13
14
MLG0603S39NJT000
44
53
14
14
MLG0603S43NHT000
44
53
14
14
MLG0603S43NJT000
49
60
13
13
MLG0603S47NHT000
49
60
13
13
MLG0603S47NJT000
52
64
11
11
MLG0603S51NHT000
52
64
11
11
MLG0603S51NJT000
59
77
12
11
MLG0603S56NHT000
59
77
12
11
MLG0603S56NJT000
66
88
11
10
MLG0603S62NHT000
66
88
11
10
MLG0603S62NJT000
74
104
13
11
MLG0603S68NHT000
74
104
13
11
MLG0603S68NJT000
82
119
10
8
MLG0603S75NHT000
82
119
10
8
MLG0603S75NJT000
96
161
12
8
MLG0603S82NHT000
96
161
12
8
MLG0603S82NJT000
109
9
MLG0603S91NHT000
109
9
MLG0603S91NJT000
129
11
MLG0603SR10HT000
129
11
MLG0603SR10JT000
134
10
MLG0603SR11HT000
134
10
MLG0603SR11JT000
156
9
MLG0603SR12HT000
156
9
MLG0603SR12JT000
172
8
MLG0603SR13HT000
172
8
MLG0603SR13JT000
223
7
MLG0603SR15HT000
223
7
MLG0603SR15JT000
238
7
MLG0603SR16HT000
238
7
MLG0603SR16JT000
318
6
MLG0603SR18HT000
318
6
MLG0603SR18JT000
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLG0603SR10JT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603SR10JT000 TDK-MLG0603SR10JT000 Datasheet
133Kb / 3P
   Inductors (Coils)
MLG0603SR10JT000 TDK-MLG0603SR10JT000_17 Datasheet
133Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603SR10JT000

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA605.A.ABC.001 TAOGLAS-MA605.A.ABC.001 Datasheet
1Mb / 23P
   Advanced RF Design and Materials
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ Datasheet
1Mb / 20P
   Advanced RF Design and Materials
MA673.A.CGH.004 TAOGLAS-MA673.A.CGH.004 Datasheet
2Mb / 27P
   Advanced RF Design and Materials
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001 Datasheet
4Mb / 18P
   Advanced RF Design and Materials
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001 Datasheet
1Mb / 29P
   Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
   Advanced RF Design and Materials
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002 Datasheet
1Mb / 30P
   Advanced RF Design and Materials
MA672.A.CGH.003 TAOGLAS-MA672.A.CGH.003 Datasheet
3Mb / 15P
   Advanced RF Design and Materials
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
   Advanced RF Design and Materials
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com