Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603SR11HT000 Datasheet(PDF) 7 Page - TDK Electronics

Part # MLG0603SR11HT000
Description  Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603SR11HT000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MLG0603SR11HT000 Datasheet HTML 3Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 4Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 5Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 6Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 7Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 8Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 9Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 10Page - TDK Electronics MLG0603SR11HT000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
(7/14)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
3.0
±0.1nH
4
100
6.2
7.80
0.30
0.20
300
MLG0603S3N0BT000
3.0
±0.2nH
4
100
6.2
7.80
0.30
0.20
300
MLG0603S3N0CT000
3.0
±0.3nH
4
100
6.20
7.80
0.30
0.20
300
MLG0603S3N0ST000
3.3
±0.1nH
4
100
5.8
7.00
0.35
0.23
300
MLG0603S3N3BT000
3.3
±0.2nH
4
100
5.8
7.00
0.35
0.23
300
MLG0603S3N3CT000
3.3
±0.3nH
4
100
5.80
7.00
0.35
0.23
300
MLG0603S3N3ST000
3.6
±0.1nH
4
100
5.5
6.90
0.35
0.22
300
MLG0603S3N6BT000
3.6
±0.2nH
4
100
5.5
6.90
0.35
0.22
300
MLG0603S3N6CT000
3.6
±0.3nH
4
100
5.50
6.90
0.35
0.22
300
MLG0603S3N6ST000
3.9
±0.1nH
5
100
5.0
6.60
0.40
0.27
300
MLG0603S3N9BT000
3.9
±0.2nH
5
100
5.0
6.60
0.40
0.27
300
MLG0603S3N9CT000
3.9
±0.3nH
5
100
5.00
6.60
0.40
0.27
300
MLG0603S3N9ST000
4.3
±0.3nH
5
100
5.00
6.40
0.40
0.27
300
MLG0603S4N3ST000
4.3
±3%
5
100
5.00
6.40
0.40
0.27
300
MLG0603S4N3HT000
4.7
±0.3nH
5
100
4.50
5.40
0.45
0.28
300
MLG0603S4N7ST000
4.7
±3%
5
100
4.50
5.40
0.45
0.28
300
MLG0603S4N7HT000
5.1
±0.3nH
5
100
4.50
5.50
0.45
0.23
250
MLG0603S5N1ST000
5.1
±3%
5
100
4.50
5.50
0.45
0.23
250
MLG0603S5N1HT000
5.6
±0.3nH
5
100
4.20
5.30
0.50
0.31
250
MLG0603S5N6ST000
5.6
±3%
5
100
4.20
5.30
0.50
0.31
250
MLG0603S5N6HT000
6.2
±0.3nH
5
100
4.20
5.10
0.55
0.32
250
MLG0603S6N2ST000
6.2
±3%
5
100
4.20
5.10
0.55
0.32
250
MLG0603S6N2HT000
6.8
±3%
5
100
3.60
4.40
0.60
0.32
250
MLG0603S6N8HT000
6.8
±5%
5
100
3.60
4.40
0.60
0.32
250
MLG0603S6N8JT000
7.5
±3%
5
100
4.20
5.30
0.70
0.43
200
MLG0603S7N5HT000
7.5
±5%
5
100
4.20
5.30
0.70
0.43
200
MLG0603S7N5JT000
8.2
±3%
5
100
3.80
4.50
0.70
0.45
200
MLG0603S8N2HT000
8.2
±5%
5
100
3.80
4.50
0.70
0.45
200
MLG0603S8N2JT000
9.1
±3%
5
100
3.40
4.90
0.80
0.51
200
MLG0603S9N1HT000
9.1
±5%
5
100
3.40
4.90
0.80
0.51
200
MLG0603S9N1JT000
10
±3%
5
100
3.20
4.10
0.80
0.53
200
MLG0603S10NHT000
10
±5%
5
100
3.20
4.10
0.80
0.53
200
MLG0603S10NJT000
11
±3%
6
100
3.00
3.70
0.80
0.53
200
MLG0603S11NHT000
11
±5%
6
100
3.00
3.70
0.80
0.53
200
MLG0603S11NJT000
12
±3%
6
100
2.80
3.60
0.90
0.63
180
MLG0603S12NHT000
12
±5%
6
100
2.80
3.60
0.90
0.63
180
MLG0603S12NJT000
13
±3%
6
100
2.70
3.40
0.90
0.60
180
MLG0603S13NHT000
13
±5%
6
100
2.70
3.40
0.90
0.60
180
MLG0603S13NJT000
15
±3%
6
100
2.50
3.30
1.10
0.69
180
MLG0603S15NHT000
15
±5%
6
100
2.50
3.30
1.10
0.69
180
MLG0603S15NJT000
16
±3%
6
100
2.30
3.00
1.10
0.70
180
MLG0603S16NHT000
16
±5%
6
100
2.30
3.00
1.10
0.70
180
MLG0603S16NJT000
18
±3%
6
100
2.20
2.80
1.20
0.78
150
MLG0603S18NHT000
18
±5%
6
100
2.20
2.80
1.20
0.78
150
MLG0603S18NJT000
20
±3%
6
100
2.10
2.60
1.20
0.75
150
MLG0603S20NHT000
20
±5%
6
100
2.10
2.60
1.20
0.75
150
MLG0603S20NJT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603SR11HT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603SR11HT000 TDK-MLG0603SR11HT000 Datasheet
133Kb / 3P
   Inductors (Coils)
MLG0603SR11HT000 TDK-MLG0603SR11HT000_17 Datasheet
133Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603SR11HT000

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA605.A.ABC.001 TAOGLAS-MA605.A.ABC.001 Datasheet
1Mb / 23P
   Advanced RF Design and Materials
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ Datasheet
1Mb / 20P
   Advanced RF Design and Materials
MA673.A.CGH.004 TAOGLAS-MA673.A.CGH.004 Datasheet
2Mb / 27P
   Advanced RF Design and Materials
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001 Datasheet
4Mb / 18P
   Advanced RF Design and Materials
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001 Datasheet
1Mb / 29P
   Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
   Advanced RF Design and Materials
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002 Datasheet
1Mb / 30P
   Advanced RF Design and Materials
MA672.A.CGH.003 TAOGLAS-MA672.A.CGH.003 Datasheet
3Mb / 15P
   Advanced RF Design and Materials
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
   Advanced RF Design and Materials
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com