Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603P13NHT000 Datasheet(PDF) 9 Page - TDK Electronics

Part # MLG0603P13NHT000
Description  High Q type inductor for high-frequency circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603P13NHT000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MLG0603P13NHT000 Datasheet HTML 5Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 6Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 7Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 8Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 9Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 10Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 11Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 12Page - TDK Electronics MLG0603P13NHT000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
(9/17)
INDUC
T
O
RS
20160926 / inductor_commercial_high-frequency_mlg0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Please contact us for information on inductance tolerance, G (±2%).
・Short bar residual inductance =0.43nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
 )max. ( )typ.
(mA)max.
12.0
±3%
14
500
3.5
4.3
1.10
0.82
250
MLG0603P12NHT000
12.0
±5%
14
500
3.5
4.3
1.10
0.82
250
MLG0603P12NJT000
13.0
±3%
14
500
3.2
4.2
1.10
0.87
250
MLG0603P13NHT000
13.0
±5%
14
500
3.2
4.2
1.10
0.87
250
MLG0603P13NJT000
15.0
±3%
14
500
3.2
3.7
1.20
0.94
250
MLG0603P15NHT000
15.0
±5%
14
500
3.2
3.7
1.20
0.94
250
MLG0603P15NJT000
16.0
±3%
14
500
3.0
3.6
1.20
1.00
200
MLG0603P16NHT000
16.0
±5%
14
500
3.0
3.6
1.20
1.00
200
MLG0603P16NJT000
18.0
±3%
14
500
3.0
3.5
1.40
1.04
200
MLG0603P18NHT000
18.0
±5%
14
500
3.0
3.5
1.40
1.04
200
MLG0603P18NJT000
20.0
±3%
14
500
2.2
3.3
1.90
1.33
150
MLG0603P20NHT000
20.0
±5%
14
500
2.2
3.3
1.90
1.33
150
MLG0603P20NJT000
22.0
±3%
14
500
2.2
2.9
1.90
1.31
150
MLG0603P22NHT000
22.0
±5%
14
500
2.2
2.9
1.90
1.31
150
MLG0603P22NJT000
24.0
±3%
14
500
2.2
2.9
2.10
1.17
140
MLG0603P24NHT000
24.0
±5%
14
500
2.2
2.9
2.10
1.17
140
MLG0603P24NJT000
27.0
±3%
14
500
2.2
2.7
2.10
1.45
140
MLG0603P27NHT000
27.0
±5%
14
500
2.2
2.7
2.10
1.45
140
MLG0603P27NJT000
30.0
±3%
10
500
1.8
2.3
2.20
1.37
130
MLG0603P30NHT000
30.0
±5%
10
500
1.8
2.3
2.20
1.37
130
MLG0603P30NJT000
33.0
±3%
10
300
1.8
2.4
2.20
1.55
130
MLG0603P33NHT000
33.0
±5%
10
300
1.8
2.4
2.20
1.55
130
MLG0603P33NJT000
36.0
±3%
10
300
1.8
2.2
2.40
1.49
120
MLG0603P36NHT000
36.0
±5%
10
300
1.8
2.2
2.40
1.49
120
MLG0603P36NJT000
39.0
±3%
10
300
1.8
2.2
2.40
1.72
120
MLG0603P39NHT000
39.0
±5%
10
300
1.8
2.2
2.40
1.72
120
MLG0603P39NJT000
43.0
±3%
10
300
1.6
2.0
2.90
1.61
110
MLG0603P43NHT000
43.0
±5%
10
300
1.6
2.0
2.90
1.61
110
MLG0603P43NJT000
47.0
±3%
10
300
1.6
2.0
2.90
2.18
110
MLG0603P47NHT000
47.0
±5%
10
300
1.6
2.0
2.90
2.18
110
MLG0603P47NJT000
51.0
±3%
10
300
1.4
1.9
3.50
1.87
100
MLG0603P51NHT000
51.0
±5%
10
300
1.4
1.9
3.50
1.87
100
MLG0603P51NJT000
56.0
±3%
10
300
1.4
1.8
3.50
2.35
100
MLG0603P56NHT000
56.0
±5%
10
300
1.4
1.8
3.50
2.35
100
MLG0603P56NJT000
62.0
±3%
10
300
1.2
1.6
3.50
2.12
100
MLG0603P62NHT000
62.0
±5%
10
300
1.2
1.6
3.50
2.12
100
MLG0603P62NJT000
68.0
±3%
9
300
1.2
1.6
3.50
2.69
100
MLG0603P68NHT000
68.0
±5%
9
300
1.2
1.6
3.50
2.69
100
MLG0603P68NJT000
75.0
±3%
9
300
1.0
1.5
4.00
2.59
80
MLG0603P75NHT000
75.0
±5%
9
300
1.0
1.5
4.00
2.59
80
MLG0603P75NJT000
82.0
±3%
9
300
1.0
1.5
4.00
2.71
80
MLG0603P82NHT000
82.0
±5%
9
300
1.0
1.5
4.00
2.71
80
MLG0603P82NJT000
91.0
±3%
9
300
0.9
1.3
4.50
2.92
80
MLG0603P91NHT000
91.0
±5%
9
300
0.9
1.3
4.50
2.92
80
MLG0603P91NJT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603P13NHT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P13NHT000 TDK-MLG0603P13NHT000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P13NHT000 TDK-MLG0603P13NHT000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLG0603P13NHT000 TDK-MLG0603P13NHT000_17 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603P13NHT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q0N2BT000 TDK-MLG0402Q0N2BT000 Datasheet
176Kb / 15P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com