Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5842AAAAL-M6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5842AAAAL-M6T1U
Description  DUAL TRIP TEMPERATURE SWITCH IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5842AAAAL-M6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5842AAAAL-M6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5842AAAAL-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S-5842A Series
www.sii-ic.com
DUAL TRIP TEMPERATURE SWITCH IC
(THERMOSTAT IC)
© SII Semiconductor Corporation, 2008-2015
Rev.2.3_01
1
The S-5842A Series is a dual trip temperature switch IC (thermostat IC) which detects two points of temperature.
The S-5842A Series operates at the power supply voltage of 2.5 V and the lower current consumption of 10
μA typ.
A temperature sensor with the negative temperature coefficient, a reference voltage generation circuit, a comparator and a
delay circuit are integrated on one chip, and enclosed into the packages SOT-23-6 and SNT-6A.
Features
• Detection temperature:
Detection temperature =
−10°C to +110°C, +1°C step
• Accuracy of detection temperature:
±2.5°C (Only for either detection temperature)
• Low voltage operation:
VDD = 2.5 V min. (Detection temperature =
+20°C to +110°C)
VDD = 2.7 V min. (Detection temperature = 0°C to
+110°C)
VDD = 2.8 V min. (Detection temperature =
−10°C to +110°C)
• Low current consumption:
IDD = 10
μA typ. (Ta = +25°C)
• Selectable output form:
CMOS output, Nch open-drain output
• Selectable output type:
Separate, Integrate
• Selectable output logic:
"H", "L"
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to " Product Name Structure" for details.
Applications
• Fan control
• Air-conditioning system
• Mobile phone
• Game console
• Various electronics devices
Packages
• SOT-23-6
• SNT-6A


Similar Part No. - S-5842AAAAL-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5842AAAAL-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505 Datasheet
233Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
logo
Seiko Instruments Inc
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
logo
Maxim Integrated Produc...
MAX6506 MAXIM-MAX6506 Datasheet
241Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com