Electronic Components Datasheet Search |
|
S-5843A99AA-M5T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc |
|
S-5843A99AA-M5T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc |
7 / 21 page TEMPERATURE SWITCH IC (THERMOSTAT IC) Rev.2.2_01 S-5843A Series 7 DC Electrical Characteristics 1. CMOS output product Table 7 (Ta = +25°C, unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Test circuit Power supply voltage VDD − 1.65 − 5.5 V 1 Detection temperature*1 +TD − TDET − 2.5 TDET TDET + 2.5 °C 1 Hysteresis temperature*2 THYS − − 2, 4, 10, 20 − °C 1 Output current IDETH Output transistor Pch VDET = 2.2 V, VDD = 3.0 V 2 9.4 − mA 2 IDETL Output transistor Nch VDET = 0.4 V, VDD = 3.0 V 0.5 2.3 − mA 2 Current consumption during operation IDD VDD = 3.0 V − 4.5 7.0 μA 1 *1. TDET: Set value of detection temperature *2. The hysteresis temperature is selectable in 2 °C, 4°C, 10°C, or 20°C. However, if the detection temperature is +40°C to +49°C, select hysteresis temperature in 2°C, 4°C or 10°C. 2. Nch open drain output product Table 8 (Ta = +25°C, unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Test circuit Power supply voltage VDD − 1.65 − 5.5 V 1 Detection temperature*1 +TD − TDET − 2.5 TDET TDET + 2.5 °C 1 Hysteresis temperature*2 THYS − − 2, 4, 10, 20 − °C 1 Output current IDETL Output transistor Nch VDET = 0.4 V, VDD = 3.0 V 0.5 2.3 − mA 2 Leakage current ILEAK Output transistor Nch VDET = 5.5 V, VDD = 3.0 V − − 100 nA 2 Current consumption during operation IDD VDD = 3.0 V − 4.5 7.0 μA 1 *1. TDET: Set value of detection temperature *2. The hysteresis temperature is selectable in 2 °C, 4°C, 10°C, or 20°C. However, if the detection temperature is +40°C to +49°C, select hysteresis temperature in 2°C, 4°C or 10°C. [Fahrenheit ⇔ Celsius Conversion equation] °C = (°F − 32) × 5 / 9 °F = 32 + °C × 9 / 5 AC Electrical Characteristics Table 9 Item Symbol Condition Min. Typ. Max. Unit Test circuit Noise suppression time tdelay VDD = 3.0 V, Ta = detection temperature − 700 − μs − |
Similar Part No. - S-5843A99AA-M5T1U |
|
Similar Description - S-5843A99AA-M5T1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |