Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5731NNH2-M3T2U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-5731NNH2-M3T2U
Description  HIGH-WITHSTAND VOLTAGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5731NNH2-M3T2U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-5731NNH2-M3T2U Datasheet HTML 6Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 7Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 8Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 9Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 10Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 11Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 12Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 13Page - Seiko Instruments Inc S-5731NNH2-M3T2U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5731 Series
Rev.1.0_01
10
3. Basic operation
The S-5731 Series changes the output voltage (VOUT) according to the level of the magnetic flux density (N pole or
S pole) applied by a magnet.
Definition of the magnetic field is performed every operating cycle indicated in " Electrical Characteristics".
The following explains the operation when the magnetism detection logic is active "L".
3. 1 Product with S pole detection
When the magnetic flux density of the S pole perpendicular to the marking surface exceeds the operation point
(BOPS) after the S pole of a magnet is moved closer to the marking surface of the S-5731 Series, VOUT changes from
"H" to "L". When the S pole of a magnet is moved further away from the marking surface of the S-5731 Series and
the magnetic flux density is lower than the release point (BRPS), VOUT changes from "L" to "H".
Figure 12 shows the relationship between the magnetic flux density and VOUT.
VOUT
0
BRPS
BOPS
BHYSS
H
L
Magnetic flux density (B)
N pole
S pole
Figure 12
3. 2 Product with N pole detection
When the magnetic flux density of the N pole perpendicular to the marking surface exceeds the operation point
(BOPN) after the N pole of a magnet is moved closer to the marking surface of the S-5731 Series, VOUT changes from
"H" to "L". When the N pole of a magnet is moved further away from the marking surface of the S-5731 Series and
the magnetic flux density of the N pole is lower than the release point (BRPN), VOUT changes from "L" to "H".
Figure 13 shows the relationship between the magnetic flux density and VOUT.
VOUT
0
BOPN
BRPN
BHYSN
H
L
Magnetic flux density (B)
N pole
S pole
Figure 13


Similar Part No. - S-5731NNH2-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NNH1B-Y3B2U SII-S-5732NNH1B-Y3B2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1B-Y3B3U SII-S-5732NNH1B-Y3B3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1B-Y3Z2U SII-S-5732NNH1B-Y3Z2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1B-Y3Z3U SII-S-5732NNH1B-Y3Z3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1I-Y3B2U SII-S-5732NNH1I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5731NNH2-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com