Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5742NBH0B-Y3Z2U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-5742NBH0B-Y3Z2U
Description  BIPOLAR HALL EFFECT LATCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5742NBH0B-Y3Z2U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-5742NBH0B-Y3Z2U Datasheet HTML 5Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 6Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 7Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 8Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 9Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 10Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 11Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 12Page - Seiko Instruments Inc S-5742NBH0B-Y3Z2U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
125
°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.2.1_00
S-5742 B Series
9
S-5742
B Series
VDD
VSS
OUT
R
*1
820
Ω
V
C
20 pF
*1. Resistor (R) is unnecessary for Nch driver
+ built-in pull-up resistor product.
Figure 9 Test Circuit 5
Standard Circuit
S-5742
B Series
VDD
VSS
OUT
CIN
R
*1
820
Ω
0.1
μF
*1. Resistor (R) is unnecessary for Nch driver
+ built-in pull-up resistor product.
Figure 10
Caution The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.


Similar Part No. - S-5742NBH0B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBH0I-Y3B2U SII-S-5742NBH0I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5742NBH0I-Y3B3U SII-S-5742NBH0I-Y3B3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5742NBH0I-Y3Z2U SII-S-5742NBH0I-Y3Z2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5742NBH0I-Y3Z3U SII-S-5742NBH0I-Y3Z3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5742NBH0B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com