Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5841A50B-I6T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-5841A50B-I6T1U
Description  TEMPERATURE SWITCH IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5841A50B-I6T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-5841A50B-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5841A50B-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.2_01
S-5841 Series
3
Product Name Structure
Users are able to select the option for hysteresis temperature, detection temperature, output form and logic, package for the
S-5841 Series.
1. Product name
1. 1 SOT-23-5
S-5841 x xx x - M5T1 x
Product name
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
Output form and Output logic
*2
A: CMOS output (Active "H")
B: CMOS output (Active "L")
C: Nch open drain output (Active "H")
D: Nch open drain output (Active "L")
Detection temperature (TDET)
*3
40 to 100
When the detection temperature is
+80°C, it is expressed as 80.
When the detection temperature is
+100°C, it is expressed as A0.
Option
*4
A: Hysteresis temperature switched in 2
°C and 10°C
B: Hysteresis temperature switched in 4
°C and 10°C
*1. Refer to the tape drawing.
*2. The DET pin output can be selected the output logic in active "H" or "L".
The DET pin output can be selected the output form in CMOS or Nch open drain.
*3. The detection temperature (TDET) can be set in the range of
+40°C to +100°C at 1°C step.
*4. The hysteresis temperature is set by the HYS1 pin. By option, the hysteresis temperature of the product is
selectable in 2
°C and 10°C / 4°C and 10°C.


Similar Part No. - S-5841A50B-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5841A50D-I6T1G SII-S-5841A50D-I6T1G Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5841A50B-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com