Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5732NSH2B-Y3Z2U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-5732NSH2B-Y3Z2U
Description  UNIPOLAR DETECTION TYPE HALL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732NSH2B-Y3Z2U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-5732NSH2B-Y3Z2U Datasheet HTML 7Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 8Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 9Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 10Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 11Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 12Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 13Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 14Page - Seiko Instruments Inc S-5732NSH2B-Y3Z2U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
125°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.2.1_00
S-5732 B Series
11
3. Basic operation
This IC changes the output voltage (VOUT) according to the level of the magnetic flux density (N pole or S pole) applied
by a magnet.
The following explains the operation when the magnetism detection logic is active "L".
3. 1 Product with S pole detection
When the magnetic flux density of the S pole perpendicular to the marking surface exceeds the operation point
(BOPS) after the S pole of a magnet is moved closer to the marking surface of this IC, VOUT changes from "H" to "L".
When the S pole of a magnet is moved further away from the marking surface of this IC and the magnetic flux
density is lower than the release point (BRPS), VOUT changes from "L" to "H".
Figure 13 shows the relationship between the magnetic flux density and VOUT.
VOUT
0
BRPS
BOPS
BHYSS
H
L
Magnetic flux density (B)
N pole
S pole
Figure 13
3. 2 Product with N pole detection
When the magnetic flux density of the N pole perpendicular to the marking surface exceeds the operation point
(BOPN) after the N pole of a magnet is moved closer to the marking surface of this IC, VOUT changes from "H" to "L".
When the N pole of a magnet is moved further away from the marking surface of this IC and the magnetic flux
density of the N pole is lower than the release point (BRPN), VOUT changes from "L" to "H".
Figure 14 shows the relationship between the magnetic flux density and VOUT.
VOUT
0
BOPN
BRPN
BHYSN
H
L
Magnetic flux density (B)
N pole
S pole
Figure 14


Similar Part No. - S-5732NSH2B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSH2I-Y3B2U SII-S-5732NSH2I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSH2I-Y3B3U SII-S-5732NSH2I-Y3B3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSH2I-Y3Z2U SII-S-5732NSH2I-Y3Z2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSH2I-Y3Z3U SII-S-5732NSH2I-Y3Z3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5732NSH2B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com