Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC1G79G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC1G79G-AL5-R
Description  Symmetrical output impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G79G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC1G79G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G79G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G79G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G79G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G79G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC1G79
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-028.A
SWITCHING CHARACTERISTICS (GND=0V, tr = tf ≤ 3.0ns, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
maximum clock pulse
frequency
fMax
VCC=4.5V ~ 5.5V
90
MHz
VCC=3.0V ~ 3.6V
4.9
8.4
ns
CL=15pF
VCC=4.5V ~ 5.5V
3.5
5.6
ns
VCC=3.0V ~ 3.6V
6.9
12
ns
Propagation delay from input
(CP) to output (Q)
tPLH / tPHL
CL=50pF
VCC=4.5V ~ 5.5V
5.1
8
ns
TIMING REQUIREMENTS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
clock pulse width High or
Low
tw
VCC=4.5V ~ 5.5V
3.0
ns
set-up time D to CP
tsu
VCC=4.5V ~ 5.5V
3.0
1.0
ns
hold time D to CP
th
VCC=4.5V ~ 5.5V
2.0
1.0
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation
Capacitance
CPD
CL=50pF, f=1MHz
15
pF


Similar Part No. - U74AHC1G79G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G74G-S08-R UTC-U74AHC1G74G-S08-R Datasheet
195Kb / 5P
   Low static power consumption
More results

Similar Description - U74AHC1G79G-AL5-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
NXP Semiconductors
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
   Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
STMicroelectronics
HCF4069U STMICROELECTRONICS-HCF4069U Datasheet
307Kb / 11P
   Standardized symmetrical output characteristics
January 2014 Rev 6
logo
RFHIC
RRP5257550-35 RFHIC-RRP5257550-35 Datasheet
646Kb / 4P
   50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
   50 Ohm Input/Output impedance
RRP9095150-18 RFHIC-RRP9095150-18 Datasheet
555Kb / 4P
   50 Ohm Input/Output impedance
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
   50 Ohm Input/Output impedance
RRP52571K0-41 RFHIC-RRP52571K0-41 Datasheet
870Kb / 4P
   50 Ohm Input/Output impedance
RRP5657550-35 RFHIC-RRP5657550-35 Datasheet
751Kb / 4P
   50 Ohm Input/Output impedance
RRP27312K6-20 RFHIC-RRP27312K6-20 Datasheet
523Kb / 3P
   50 Ohm Input/Output impedance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com