Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRL12110W Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # HRL12110W
Description  Valve Regulated Lead Acid Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

HRL12110W Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  HRL12110W_17 Datasheet HTML 1Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maintenance-Free Sealed Lead Acid Battery.
Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%.
【Design Life】
【 Float Charging Voltage】
Up to 10 Years in Standby Service at 25℃
13.5 ~ 13.8 VDC/Unit at 25℃ (77)
Eurobat (20℃) : 10-12 years, Long Life
Equalization Charging Voltage 】
【 Operating Temperature Range】
14.4 ~ 15.0 VDC/Unit at 25℃ (77℉)
【 Self Discharge】
Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉);
Fully recharging is required before usage, and charged sooner if stored
Storage: -15℃ ~ 40℃ (5℉~104℉)
at higher temperature than 25℃ (77℉).
Design according with IEC 61056-1/2:2012
Nominal Capacity
884A
11.0A
Terminal hardware Torque
ABS (UL 94-HB) & Flame Retardant (94-V0) available upon request
Length (L)
166.0±2.0 mm
6.54±0.08 inch
Width (W)
125.0±1.5 mm
4.92±0.06 inch
Container Height (h)
175.0±2.0 mm
6.89±0.08 inch
Overall Height (H)
175.0±2.0 mm
6.89±0.08 inch
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
170
145
129
118
97.5
81.6
61.4
48.0
33.6
25.7
21.3
14.9
1.67V
151
129
117
108
91.1
77.5
59.6
47.0
33.2
25.3
20.8
14.7
1.70V
141
121
111
103
88.3
75.7
58.6
46.3
32.7
24.8
20.4
14.5
1.75V
125
108
99.6
93.2
82.7
72.2
56.1
44.7
32.3
24.4
20.0
14.4
1.80V
109
94.0
88.2
83.7
76.4
68.7
53.7
42.5
31.9
24.0
19.6
14.2
1.85V
89.3
78.7
75.9
73.6
69.2
64.4
51.0
40.8
29.7
22.4
18.30
14.0
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
1806
1541
1385
1270
1053
888
682
554
385
297
247
174
1.67V
1624
1386
1263
1171
988
852
665
535
377
292
243
173
1.70V
1530
1316
1197
1107
956
827
655
526
372
287
239
171
1.75V
1358
1190
1093
1020
900
796
636
510
361
280
234
170
1.80V
1177
1054
990
941
851
764
610
495
352
274
229
168
1.85V
995
918
882
854
793
733
589
478
337
260
217
167
Please refer to the official site for the lastest rating confirmation. URL: www.csb-battery.com
Issued:
161101
Tel: +31(0)180-418-140
Tel: +886-2-2880-5600
Fax: +31(0)180-418-327
Fax: +866-2-2888-3300
Tel: +86-10-5820-5336, 5820-5338
Fax: +86-10-5820-3053
Fax: +86-755-8831-6075
Fax: +86-21-5046-1046
Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872)
Fax: +1-817-244-4445
SHENZHEN OFFICE (CHINA)
SHANGHAI OFFICE (CHINA)
BEIJING OFFICE (CHINA)
Tel: +86-755-8831-6488, 8831-6775
Tel: +86-21-5046-1622, 5046-0833
BUSINESS HEADQUARTERS
Tel: +886-2-2880-5600
Fax: +866-2-2888-3300
USA OFFICE
EUROPE (EMEA) OFFICE
TAIPEI OFFICE
Recognized under UL 1989,
and certified by ISO 9001, 14001.
Sales Offices
Short Circuit Current
Maximum Charge Current
Terminal types
I1 thread lead alloy terminal to accept M5 bolt
59.0 Kgf-cm / 51.0 Ibf-in / 5.73 N-m
Container Material
Dimensions
Constant Current Discharge Characteristics Unit: A (25℃, 77℉)
Constant Power Discharge Characteristics Unit: W (25℃, 77℉)
Weight
Approx. 9.90 Kg (21.82 lbs)
Maximum Discharge Current
225A (5sec)
Internal Resistance
Approx. 8.10 mΩ
110W @15min-rate to 1.67V per cell @25℃ (77℉)
HRL series
HRL 12110W 12V 110W
Valve Regulated Lead Acid Battery
Design for Standby Power Applications
Nominal Operating Temperature : 25℃(77℉)
Discharge : -15℃ ~ 50℃ (5℉~122℉)
Charge: -15℃ ~ 40℃ (5℉~104℉)
Specification
Nominal Voltage
12V (6 cells per unit)


Similar Part No. - HRL12110W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HRL12110W CSB-BATTERY-HRL12110W_12 Datasheet
873Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12110W CSB-BATTERY-HRL12110W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
More results

Similar Description - HRL12110W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
   Valve Regulated Lead Acid Battery
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
   Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
   Valve Regulated Lead Acid Battery
XHRL12360W CSB-BATTERY-XHRL12360W_17 Datasheet
390Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ400 CSB-BATTERY-MSJ400_17 Datasheet
520Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ500 CSB-BATTERY-MSJ500_17 Datasheet
521Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ650 CSB-BATTERY-MSJ650_17 Datasheet
518Kb / 1P
   Valve Regulated Lead Acid Battery
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
   Valve Regulated Lead Acid Battery
HR1227W CSB-BATTERY-HR1227W_17 Datasheet
393Kb / 1P
   Valve Regulated Lead Acid Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com