Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5742RBH1I-Y3Z3U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-5742RBH1I-Y3Z3U
Description  HIGH-WITHSTAND VOLTAGE HIGH-SPEED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5742RBH1I-Y3Z3U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-5742RBH1I-Y3Z3U Datasheet HTML 7Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 8Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 9Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 10Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 11Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 12Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 13Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 14Page - Seiko Instruments Inc S-5742RBH1I-Y3Z3U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.2.1_00
S-5742 I Series
11
3. Basic operation
This IC changes the output voltage (VOUT) according to the level of the magnetic flux density and a polarity change (N
pole or S pole) applied by a magnet.
3. 1 Product with VOUT = "L" at S pole detection
When the magnetic flux density of the S pole perpendicular to the marking surface exceeds the operation point
(BOP) after the S pole of a magnet is moved closer to the marking surface of this IC, VOUT changes from "H" to "L".
When the N pole of a magnet is moved closer to the marking surface of this IC and the magnetic flux density of the
N pole is higher than the release point (BRP), VOUT changes from "L" to "H". In case of BRP
< B < BOP, VOUT retains
the status. Figure 13 shows the relationship between the magnetic flux density and VOUT.
S pole
N pole
Magnetic flux density (B)
VOUT
0
BRP
BOP
BHYS
H
L
Figure 13
3. 2 Product with VOUT = "H" at S pole detection
When the magnetic flux density of the S pole perpendicular to the marking surface exceeds BOP after the S pole of a
magnet is moved closer to the marking surface of this IC, VOUT changes from "L" to "H". When the
N pole of a magnet is moved closer to the marking surface of this IC and the magnetic flux density of the N pole is
higher than BRP, VOUT changes from "H" to "L". In case of BRP
< B < BOP, VOUT retains the status.
Figure 14 shows the relationship between the magnetic flux density and VOUT.
S pole
N pole
Magnetic flux density (B)
VOUT
0
BRP
BOP
BHYS
H
L
Figure 14


Similar Part No. - S-5742RBH1I-Y3Z3U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742RBH1B-Y3B2U SII-S-5742RBH1B-Y3B2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742RBH1B-Y3B3U SII-S-5742RBH1B-Y3B3U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742RBH1B-Y3Z2U SII-S-5742RBH1B-Y3Z2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742RBH1B-Y3Z3U SII-S-5742RBH1B-Y3Z3U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-5742RBH1I-Y3Z3U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com