Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH9341 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH9341
Description  Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9341 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH9341 Datasheet HTML 1Page - OSRAM GmbH SFH9341 Datasheet HTML 2Page - OSRAM GmbH SFH9341 Datasheet HTML 3Page - OSRAM GmbH SFH9341 Datasheet HTML 4Page - OSRAM GmbH SFH9341 Datasheet HTML 5Page - OSRAM GmbH SFH9341 Datasheet HTML 6Page - OSRAM GmbH SFH9341 Datasheet HTML 7Page - OSRAM GmbH SFH9341 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH 9340, SFH 9341
2001-02-22
3
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-Diode)
Emitter (GaAs diode)
Durchlassspannung (
I
F = 20 mA, tp = 20 ms)
Forward voltage
V
F
1.2 (< 1.4)
V
Sperrstrom (
V
R = 3 V)
Reverse current
I
R
0.01 (< 1)
µA
Kapazität (
V
R = 0 V, f = 1 MHz)
Capacitance
C
0
16
pF
Wellenlänge der Strahlung
Wavelength of peak emission
λ
peak
950
nm
Empfänger (Schmitt-Trigger IC) (wenn nicht anders angegeben,
V
CC = 5 V)
Detector (Schmitt-Trigger IC) (unless otherwise specified,
V
CC = 5 V)
Ausgangsspannung „High“
Output voltage “High”
I
O = 0, VCC = 4.5 - 18 V
V
OH
V
CC (> 4.0)
V
Ausgangsspannung „Low“
Output voltage “Low”
I
O = 16 mA
V
OL
0.15 (< 0.4)
V
Stromaufnahme
Supply current
V
CC = 5 V
V
CC = 18 V
I
CC
3.5 (< 5)
5.0
mA
Anstiegszeit 10% bis 90%
Rise time 10% to 90%
R
L = 280 Ω, IF = 4 mA, λ = 950 nm
t
r
SFH 9340
SFH 9341
ns
20
30
Abfallzeit 90% bis 10%
Fall time 90% to 10%
R
L = 280 Ω, IF = 4 mA, λ = 950 nm
t
f
SFH 9340
SFH 9341
ns
10
20
Ausgangsverzögerungszeit
Propagation delay time “ON”
R
L = 280 Ω, IF = 4 mA, λ = 950 nm
t
ON
1
µs
Ausgangsverzögerungszeit
Propagation delay time “OFF”
R
L = 280 Ω, IF = 4 mA, λ = 950 nm
t
OFF
2
µs


Similar Part No. - SFH9341

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9341 OSRAM-SFH9341 Datasheet
91Kb / 9P
   Gabellichtschranke mit Schmitt-Trigger IC
More results

Similar Description - SFH9341

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
   Gabellichtschranke mit Schmitt-Trigger IC
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
   Reflective Interrupter with Schmitt-Trigger
SFH9240 OSRAM-SFH9240 Datasheet
301Kb / 10P
   Reflective Interrupter with Schmitt-Trigger
SFH9245 OSRAM-SFH9245 Datasheet
195Kb / 14P
   Reflective Interrupter with Schmitt-Trigger
logo
List of Unclassifed Man...
TCSS111 ETC1-TCSS111 Datasheet
300Kb / 6P
   Optoelectronic Interrupter with Schmitt-Trigger Output Logic
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
   Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
   Schmitt-Trigger IC in Smart DIL Package
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
   SCHMITT TRIGGER
TC4S584F TOSHIBA-TC4S584F Datasheet
182Kb / 4P
   SCHMITT TRIGGER
logo
Microsemi Corporation
TSC367 MICROSEMI-TSC367 Datasheet
1Mb / 6P
   Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com