Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5732NSH1I-Y3Z3U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5732NSH1I-Y3Z3U
Description  HIGH-WITHSTAND VOLTAGE HIGH-SPEED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732NSH1I-Y3Z3U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5732NSH1I-Y3Z3U Datasheet HTML 1Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 2Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 3Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 4Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 5Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 6Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 7Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 8Page - Seiko Instruments Inc S-5732NSH1I-Y3Z3U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
S-5732 I Series
HIGH-WITHSTAND VOLTAGE HIGH-SPEED
UNIPOLAR DETECTION TYPE HALL IC
www.sii-ic.com
© SII Semiconductor Corporation, 2016
Rev.2.1_00
1
This IC, developed by CMOS technology, is a unipolar detection type Hall IC with high-withstand voltage, high-speed
detection and high-accuracy magnetic characteristics.
The output voltage changes when this IC detects the intensity level of magnetic flux density. Using this IC with a magnet
makes it possible to detect the open / close and rotation status in various devices.
This IC includes an output current limit circuit.
This IC is available in various systems by using the insertion TO-92S package.
Due to its high-accuracy magnetic characteristics, this IC can make operation's dispersion in the system combined with
magnet smaller.
SII Semiconductor Corporation offers a "magnetism simulation service" that provides the ideal combination of magnets and
our Hall ICs for customer systems. Our magnetism simulation service will reduce prototype production, development period
and development costs. In addition, it will contribute to optimization of parts to realize high cost performance.
For more information regarding our magnetism simulation service, contact our sales office.
Features
• Pole detection
*1:
Detection of S pole, detection of N pole
• Detection logic for magnetism
*1:
Active "L", active "H"
• Output form
*1:
Nch open-drain output
Nch driver
+ built-in pull-up resistor
• Magnetic sensitivity
*1:
BOP = 3.0 mT typ.
BOP = 6.0 mT typ.
• Chopping frequency:
fC = 250 kHz typ.
• Output delay time:
tD = 16.0
μs typ.
• Power supply voltage range:
VDD = 3.5 V to 26.0 V
• Built-in regulator
• Built-in output current limit circuit
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Home appliance
• DC brushless motor
• Housing equipment
• Industrial equipment
Packages
• TO-92S (Straight)
• TO-92S (Forming)


Similar Part No. - S-5732NSH1I-Y3Z3U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSH1B-Y3B2U SII-S-5732NSH1B-Y3B2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSH1B-Y3B3U SII-S-5732NSH1B-Y3B3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSH1B-Y3Z2U SII-S-5732NSH1B-Y3Z2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSH1B-Y3Z3U SII-S-5732NSH1B-Y3Z3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-5732NSH1I-Y3Z3U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com